Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MCC170-18IO1 Datasheet(PDF) 1 Page - IXYS Corporation |
|
MCC170-18IO1 Datasheet(HTML) 1 Page - IXYS Corporation |
1 / 4 page © 2000 IXYS All rights reserved 1 - 4 V RSM V RRM Type V DSM V DRM VV 1300 1200 MCC 170-12io1 1500 1400 MCC 170-14io1 1700 1600 MCC 170-16io1 1900 1800 MCC 170-18io1 Symbol Test Conditions Maximum Ratings I TRMS T VJ = TVJM 350 A I TAVM T C = 85°C; 180° sine 203 A I TSM, IFSM T VJ = 45°C; t = 10 ms (50 Hz) 5400 A V R = 0 t = 8.3 ms (60 Hz) 5800 A T VJ = TVJM t = 10 ms (50 Hz) 5000 A V R = 0 t = 8.3 ms (60 Hz) 5500 A òi2dt T VJ = 45°C t = 10 ms (50 Hz) 146 000 A2s V R = 0 t = 8.3 ms (60 Hz) 140 000 A2s T VJ = TVJM t = 10 ms (50 Hz) 125 000 A2s V R = 0 t = 8.3 ms (60 Hz) 126 000 A2s (di/dt) cr T VJ = TVJM repetitive, I T = 660 A 100 A/ ms f =50 Hz, t P =200 ms V D = 2/3 VDRM I G = 1 A, non repetitive, I T = ITAVM 500 A/ ms di G/dt = 1 A/ms (dv/dt) cr T VJ = TVJM; V DR = 2/3 VDRM 1000 V/ ms R GK = ¥; method 1 (linear voltage rise) P GM T VJ = TVJM t P = 30 ms 120 W I T = ITAVM t P = 500 ms60 W P GAV 20 W V RGM 10 V T VJ -40...+130 °C T VJM 130 °C T stg -40...+125 °C V ISOL 50/60 Hz, RMS t = 1 min 3000 V~ I ISOL £ 1 mA t = 1 s 3600 V~ M d Mounting torque (M6) 4.5-7/40-62 Nm/lb.in. Terminal connection torque (M8) 11-13/97-115 Nm/lb.in. Weight Typical including screws 750 g Features q International standard package q Direct copper bonded Al 2O3-ceramic with copper base plate q Planar passivated chips q Isolation voltage 3600 V~ q UL registered E 72873 q Keyed gate/cathode twin pins Applications q Motor control, softstarter q Power converter q Heat and temperature control for industrial furnaces and chemical processes q Lighting control q Solid state switches Advantages q Simple mounting q Improved temperature and power cycling q Reduced protection circuits I TRMS = 2x 350 A I TAVM = 2x 203 A V RRM = 1200-1800 V Data according to IEC 60747 and refer to a single thyristor/diode unless otherwise stated. IXYS reserves the right to change limits, test conditions and dimensions MCC 170 Thyristor Modules Thyristor/Diode Modules 1 2 3 76 5 4 36 7 1 5 4 2 |
Número de pieza similar - MCC170-18IO1 |
|
Descripción similar - MCC170-18IO1 |