Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TDA16833 Datasheet(PDF) 10 Page - Infineon Technologies AG |
|
TDA16833 Datasheet(HTML) 10 Page - Infineon Technologies AG |
10 / 21 page TDA16831-4 Data Sheet 10 1999-12-10 Electrical Characteristics 1) Be aware that V CC capacitor is discharged before IC is plugged into the application board. 2) Power dissipation should be observed. Absolute Maximum Ratings Parameter Symbol Limit Values Unit Remarks min. max. Supply Voltage Supply + Zener Current V CC I CCZ –0.3 0 V Z 20 V mA Zener Voltage 1) page 11 Beware of P max 2) Drain Source Voltage Avalanche Current V DS I AC 600 I csthmax V t = 100 ns Voltage at FB V FB –0.3 5.5 V Junction Temperature T j –40 150 °C Storage Temperature T stg –50 150 °C Thermal Resistance System-Air R thSA R thSA 90 125 K/W K/W P-DIP-8-6 P-DSO-14-11 Operating Range Parameter Symbol Limit Values Unit Remarks min. max. Supply Voltage V CC V CCH V Z V Junction Temperature T j –25 120 °C |
Número de pieza similar - TDA16833 |
|
Descripción similar - TDA16833 |