Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPW65R085CFD Datasheet(PDF) 4 Page - Wuxi Unigroup Microelectronics Company

No. de pieza TPW65R085CFD
Descripción Electrónicos  650V Super-Junction Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WUMC [Wuxi Unigroup Microelectronics Company]
Página de inicio  http://www.tsinghuaicwx.com/en/index.asp
Logo WUMC - Wuxi Unigroup Microelectronics Company

TPW65R085CFD Datasheet(HTML) 4 Page - Wuxi Unigroup Microelectronics Company

  TPW65R085CFD Datasheet HTML 1Page - Wuxi Unigroup Microelectronics Company TPW65R085CFD Datasheet HTML 2Page - Wuxi Unigroup Microelectronics Company TPW65R085CFD Datasheet HTML 3Page - Wuxi Unigroup Microelectronics Company TPW65R085CFD Datasheet HTML 4Page - Wuxi Unigroup Microelectronics Company TPW65R085CFD Datasheet HTML 5Page - Wuxi Unigroup Microelectronics Company TPW65R085CFD Datasheet HTML 6Page - Wuxi Unigroup Microelectronics Company TPW65R085CFD Datasheet HTML 7Page - Wuxi Unigroup Microelectronics Company TPW65R085CFD Datasheet HTML 8Page - Wuxi Unigroup Microelectronics Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TPV65R085CFD, TPW65R085CFD
V3.0
www.tsinghuaicwx.com
Wuxi Unigroup Microelectronics Company
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
-100
-50
0
50
100
150
200
I
D = 250µA
4
Typical Characteristics T
J = 25º
C, unless otherwise noted
10-4
10-3
10-2
10-1
100
10-7
10-6
10-5
10-4
10-3
10-2
10-1
Figure 7. On-Resistance vs. Temperature
Figure 8. Threshold Voltage vs. Temperature
T
p, Pulse Width (s)
T
J, Junction Temperature (º
C)
T
J, Junction Temperature (º
C)
Figure 9. Transient Thermal Impedance
0
0.5
1
1.5
2
2.5
3
-100
-50
0
50
100
150
200
V
GS = 10V
I
D = 20A
D = 0.5
D = 0.2
D = 0.1
D = 0.05
D = 0.02
D = 0.01
Single Pulse


Número de pieza similar - TPW65R085CFD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wuxi Unigroup Microelec...
TPW65R085CFD WUMC-TPW65R085CFD Datasheet
692Kb / 8P
   650V Super-Junction Power MOSFET
More results

Descripción similar - TPW65R085CFD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shenzhen Winsemi Microe...
WFF4N65S WINSEMI-WFF4N65S Datasheet
154Kb / 7P
   650V Super-Junction Power MOSFET
logo
Wuxi Unigroup Microelec...
TPA65R940C WUMC-TPA65R940C Datasheet
983Kb / 9P
   650V Super-Junction Power MOSFET
logo
Shenzhen Winsemi Microe...
WFD7N65S WINSEMI-WFD7N65S Datasheet
276Kb / 6P
   650V Super-Junction Power MOSFET
logo
Wuxi Unigroup Microelec...
TPD65R380C WUMC-TPD65R380C Datasheet
1Mb / 12P
   650V Super-Junction Power MOSFET
TPA65R1K2C WUMC-TPA65R1K2C Datasheet
1Mb / 12P
   650V Super-Junction Power MOSFET
TPW65R080C WUMC-TPW65R080C Datasheet
692Kb / 8P
   650V Super-Junction Power MOSFET
TPW65R085CFD WUMC-TPW65R085CFD Datasheet
692Kb / 8P
   650V Super-Junction Power MOSFET
TPA65R600C WUMC-TPA65R600C Datasheet
1Mb / 12P
   650V Super-Junction Power MOSFET
TPA65R160C WUMC-TPA65R160C Datasheet
1Mb / 9P
   650V Super-Junction Power MOSFET
TPD65R1K2C WUMC-TPD65R1K2C Datasheet
1Mb / 12P
   650V Super-Junction Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com