Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSG12N10AT Datasheet(PDF) 2 Page - Wuxi Unigroup Microelectronics Company

No. de pieza TSG12N10AT
Descripción Electrónicos  100V N-Channel DTMOS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WUMC [Wuxi Unigroup Microelectronics Company]
Página de inicio  http://www.tsinghuaicwx.com/en/index.asp
Logo WUMC - Wuxi Unigroup Microelectronics Company

TSG12N10AT Datasheet(HTML) 2 Page - Wuxi Unigroup Microelectronics Company

  TSG12N10AT Datasheet HTML 1Page - Wuxi Unigroup Microelectronics Company TSG12N10AT Datasheet HTML 2Page - Wuxi Unigroup Microelectronics Company TSG12N10AT Datasheet HTML 3Page - Wuxi Unigroup Microelectronics Company TSG12N10AT Datasheet HTML 4Page - Wuxi Unigroup Microelectronics Company TSG12N10AT Datasheet HTML 5Page - Wuxi Unigroup Microelectronics Company TSG12N10AT Datasheet HTML 6Page - Wuxi Unigroup Microelectronics Company TSG12N10AT Datasheet HTML 7Page - Wuxi Unigroup Microelectronics Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TSG12N10AT
V3.0
www.tsinghuaicwx.com
Wuxi Unigroup Microelectronics Company
Specifications T
J = 25ºC, unless otherwise noted
Parameter
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
Static
Drain-Source Breakdown Voltage
V
(BR)DSS
V
GS = 0V, ID = 250µA
100
--
--
V
Zero Gate Voltage Drain Current
I
DSS
V
DS = 95V, VGS = 0V, TJ = 25º
C
--
--
1
μA
V
DS = 95V, VGS = 0V, TJ = 150ºC
--
--
100
Gate-Source Leakage
I
GSS
V
GS = ±20V
--
--
±100
nA
Gate-Source Threshold Voltage
V
GS(th)
V
DS = VGS, ID = 250µA
1.1
--
2.5
V
Drain-Source On-Resistance (Note3)
R
DS(on)
V
GS = 10V, ID = 20A
--
9
12
mΩ
V
GS = 4.5V, ID = 20A
--
12.5
15.5
Forward Transconductance
(Note3)
g
fs
V
DS = 5V, ID = 20A
--
45
--
S
Dynamic
Input Capacitance
C
iss
V
GS = 0V,
V
DS = 50V,
f = 1.0MHz
--
2455
--
pF
Output Capacitance
C
oss
--
153
--
Reverse Transfer Capacitance
C
rss
--
12
--
Total Gate Charge
Q
g(10V)
V
DD = 50V, ID = 20A,
V
GS = 10V
--
45
--
nC
Q
g(4.5V)
--
24
--
Gate-Source Charge
Q
gs
--
6.8
--
Gate-Drain Charge
Q
gd
--
11.5
--
Turn-on Delay Time
t
d(on)
V
DD = 50V, ID = 20A,
R
G = 3Ω
--
8
--
ns
Turn-on Rise Time
t
r
--
3
--
Turn-off Delay Time
t
d(off)
--
25
--
Turn-off Fall Time
t
f
--
4
--
Drain-Source Body Diode Characteristics
Continuous Body Diode Current
I
S
T
C = 25º
C
--
--
34
A
Pulsed Diode Forward Current
I
SM
--
--
102
Body Diode Voltage
V
SD
T
J = 25º
C, I
SD = 1A, VGS = 0V
--
0.72
1
V
Reverse Recovery Time
t
rr
I
F = 20A,
di
F/dt = 500A/μs
--
27
--
ns
Reverse Recovery Charge
Q
rr
--
128
--
nC
Notes
1.
Repetitive Rating: Pulse Width limited by maximum junction temperature
2.
I
AS = 20A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
3.
Pulse Test: Pulse Width
≤ 300μs, Duty Cycle ≤ 1%
2


Número de pieza similar - TSG12N10AT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wuxi Unigroup Microelec...
TSG12N06AT WUMC-TSG12N06AT Datasheet
675Kb / 7P
   60V N-Channel DTMOS
More results

Descripción similar - TSG12N10AT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wuxi Unigroup Microelec...
TSP15N10A WUMC-TSP15N10A Datasheet
660Kb / 7P
   100V N-Channel DTMOS
TSJ10N10AT WUMC-TSJ10N10AT Datasheet
791Kb / 7P
   100V N-Channel DTMOS
TSG12N06AT WUMC-TSG12N06AT Datasheet
675Kb / 7P
   60V N-Channel DTMOS
TSD12N06AT WUMC-TSD12N06AT Datasheet
693Kb / 7P
   60V N-Channel DTMOS
TSJ12N06AT WUMC-TSJ12N06AT Datasheet
789Kb / 7P
   60V N-Channel DTMOS
TSP15N06A WUMC-TSP15N06A Datasheet
661Kb / 7P
   60V N-Channel DTMOS
TSJ10N06AT WUMC-TSJ10N06AT Datasheet
790Kb / 7P
   60V N-Channel DTMOS
logo
Toshiba Semiconductor
TK5P65W TOSHIBA-TK5P65W Datasheet
386Kb / 10P
   MOSFETs Silicon N-Channel MOS (DTMOS??
TK10E60W TOSHIBA-TK10E60W Datasheet
256Kb / 10P
   MOSFETs Silicon N-Channel MOS (DTMOS??
TK20J60W TOSHIBA-TK20J60W Datasheet
247Kb / 10P
   MOSFETs Silicon N-Channel MOS (DTMOS??
2013-01-21Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com