Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

744889020330 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No. de pieza 744889020330
Descripción Electrónicos  WE-MTCI SMD Multi-Turn Ratio coupled Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Página de inicio  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744889020330 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744889020330 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744889020330 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744889020330 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744889020330 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744889020330 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 744889020330 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Dimensions: [mm]
5,2 max.
1,5 ±0,2
2
3
4
1
Scale - 5:1
Start of Winding
Marking
332 (Inductance Code)
Product Marking:
Recommended Land Pattern: [mm]
5,5
1
3
4
1,5
2
Scale - 5:1
Schematic:
4
1
3
2
1
2
Properties
Test conditions
Value
Unit
Tol.
Inductance 1
100 kHz/ 100 mV
L1
33
µH
±20%
Inductance 2
100 kHz/ 100 mV
L2
132
µH
±20%
Rated Current
ΔT = 40 K
IR
0.45
A
max.
Saturation Current
|ΔL/L| < 30 %
ISAT
0.75
A
typ.
DC Resistance 1
@ 20 °C
RDC
1383
typ.
DC Resistance 1
@ 20 °C
RDC
1900
max.
DC Resistance 2
@ 20 °C
RDC
2418
typ.
DC Resistance 2
@ 20 °C
RDC
3200
max.
Self Resonant Frequency
fres
5.8
MHz
typ.
Turns Ratio
n
1:2
Insulation Test Voltage
3 mA/ 3 s
UT
800
V (AC)
Rated Voltage
UR
80
V
max.
Leakage Inductance
LS
0.85
µH
typ.
Electrical Properties:
It is recommended that the temperature of the component does not exceed +125°C under worst
case conditions
Ambient Temperature (refering to
IR)
-40 °C up to +85 °C
Operating Temperature
-40 °C up to +125 °C
Storage Temperature (in original
packaging)
-20 °C up to +60 °C
Test conditions of Electrical Properties: +20°C, 33% RH if not specified differently
General Information:
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
ArPa
DIN ISO 2768-1m
DESCRIPTION
WE-MTCI SMD Multi-Turn Ratio
coupled Inductor
ORDER CODE
744889020330
SIZE
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
5030
001.000
Valid
2017-07-25
eiSos
1/6
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Número de pieza similar - 744889020330

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
744889020100 WURTH-744889020100 Datasheet
429Kb / 6P
   WE-MTCI SMD Multi-Turn Ratio coupled Inductor
744889020220 WURTH-744889020220 Datasheet
429Kb / 6P
   WE-MTCI SMD Multi-Turn Ratio coupled Inductor
More results

Descripción similar - 744889020330

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
744889020220 WURTH-744889020220 Datasheet
429Kb / 6P
   WE-MTCI SMD Multi-Turn Ratio coupled Inductor
744889030220 WURTH-744889030220 Datasheet
429Kb / 6P
   WE-MTCI SMD Multi-Turn Ratio coupled Inductor
744889030100 WURTH-744889030100 Datasheet
429Kb / 6P
   WE-MTCI SMD Multi-Turn Ratio coupled Inductor
744889015100 WURTH-744889015100 Datasheet
429Kb / 6P
   WE-MTCI SMD Multi-Turn Ratio coupled Inductor
744889015330 WURTH-744889015330 Datasheet
429Kb / 6P
   WE-MTCI SMD Multi-Turn Ratio coupled Inductor
744889020100 WURTH-744889020100 Datasheet
429Kb / 6P
   WE-MTCI SMD Multi-Turn Ratio coupled Inductor
744889030330 WURTH-744889030330 Datasheet
429Kb / 6P
   WE-MTCI SMD Multi-Turn Ratio coupled Inductor
744889015220 WURTH-744889015220 Datasheet
429Kb / 6P
   WE-MTCI SMD Multi-Turn Ratio coupled Inductor
7448990047 WURTH-7448990047 Datasheet
370Kb / 5P
   WE-MCRI SMD Molded Coupled Inductor
7448990220 WURTH-7448990220 Datasheet
370Kb / 5P
   WE-MCRI SMD Molded Coupled Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com