Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CAT93C86UITE13 Datasheet(PDF) 3 Page - Catalyst Semiconductor |
|
CAT93C86UITE13 Datasheet(HTML) 3 Page - Catalyst Semiconductor |
3 / 9 page 3 CAT93C86 Doc. No. 1091, Rev. M PIN CAPACITANCE Symbol Test Conditions Min Typ Max Units COUT(1) Output Capacitance (DO) VOUT=0V 5 pF CIN(1) Input Capacitance (CS, SK, DI, ORG) VIN=0V 5 pF INSTRUCTION SET n o i t c u r t s n I t r a t S t i Be d o c p O s s e r d d Aa t a D s t n e m m o C 8 x6 1 x8 x6 1 x D A E R1 0 10 A - 0 1 A0 A - 9 A0 A – N A s s e r d d A d a e R E S A R E1 1 10 A - 0 1 A0 A - 9 A0 A – N A s s e r d d A r a e l C E T I R W1 1 00 A - 0 1 A0 A - 9 A0 D - 7 D0 D - 5 1 D0 A – N A s s e r d d A e t i r W N E W E1 0 0 X X X X X X X 1 1X X1 1X X X X X XX X e l b a n E e t i r W S D W E1 0 0 0 0X X X X X X XX X0 0X X X X X XX X e l b a s i D e t i r W L A R E1 0 0 0 1X X X X X X XX X0 1X X X X X XX X s e s s e r d d A ll A r a e l C L A R W1 0 0 1 0X X X X X X XX X1 0X X X X X XX X 0 D - 7 D0 D - 5 1 Ds e s s e r d d A ll A e t i r W Limits VCC = VCC = VCC = 1.8V-6V 2.5V-6V 4.5V-5.5V Test Symbol Parameter Conditions Min Max Min Max Min Max Units tCSS CS Setup Time 200 100 50 ns tCSH CS Hold Time 0 0 0 ns tDIS DI Setup Time 200 100 50 ns tDIH DI Hold Time 200 100 50 ns tPD1 Output Delay to 1 1 0.5 0.15 µs tPD0 Output Delay to 0 1 0.5 0.15 µs tHZ(1) Output Delay to High-Z 400 200 100 ns tEW Program/Erase Pulse Width 5 5 5 ms tCSMIN Minimum CS Low Time 1 0.5 0.15 µs tSKHI Minimum SK High Time 1 0.5 0.15 µs tSKLOW Minimum SK Low Time 1 0.5 0.15 µs tSV Output Delay to Status Valid 1 0.5 0.1 µs SKMAX Maximum Clock Frequency DC 500 DC 1000 DC 3000 kHz A.C. CHARACTERISTICS CL = 100pF (3) |
Número de pieza similar - CAT93C86UITE13 |
|
Descripción similar - CAT93C86UITE13 |