Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LWE67C Datasheet(PDF) 1 Page - OSRAM GmbH

No. de pieza LWE67C
Descripción Electrónicos  Automotive Lighting Interior and Exterior
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OSRAM [OSRAM GmbH]
Página de inicio  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWE67C Datasheet(HTML) 1 Page - OSRAM GmbH

  LWE67C_15 Datasheet HTML 1Page - OSRAM GmbH LWE67C_15 Datasheet HTML 2Page - OSRAM GmbH LWE67C_15 Datasheet HTML 3Page - OSRAM GmbH LWE67C_15 Datasheet HTML 4Page - OSRAM GmbH LWE67C_15 Datasheet HTML 5Page - OSRAM GmbH LWE67C_15 Datasheet HTML 6Page - OSRAM GmbH LWE67C_15 Datasheet HTML 7Page - OSRAM GmbH LWE67C_15 Datasheet HTML 8Page - OSRAM GmbH LWE67C_15 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2015-04-30
1
2015-04-30
Power TOPLED
Datasheet
Version 3.1 (Replacement in due course)
LW E67C
PowerTOPLED, a powerful member of the TOPLED
family. Thanks to their high luminous efficacy, the
LEDs are ideal for rear light clusters and indicators on
vehicles and for display panels for traffic control
systems.
PowerTOPLED, ein leistungsstarkes Mitglied der
TOPLED Familie. Dank der hohen Lichtausbeute
eignen sie sich ideal für Heckleuchten und Indikatoren
an Fahrzeugen und für Display-Panels in
Verkehrsleitsysteme.
Features:
Besondere Merkmale:
Package: white PLCC-4 package, colored
diffused resin
Gehäusetyp: weisses PLCC-4 Gehäuse, farbiger
diffuser Verguss
Technology: InGaN
Technologie: InGaN
Viewing angle at 50 % I
V: 120° (Lambertian
Emitter)
Abstrahlwinkel bei 50 % I
V: 120° (Lambertscher
Strahler)
Color: Cx = 0.33, Cy = 0.33 acc. to CIE 1931
(white)
Farbe: Cx = 0.33, Cy = 0.33 nach CIE 1931 (weiß)
Corrosion Robustness: Improved corrosion
robustness
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
Automotive Lighting Interior and Exterior
Automobilbeleuchtung innen und außen
Dashboard Backlighting
Instrumentenbeleuchtung
Backlighting
Hinterleuchtung
Signal and Symbol Luminary
Signal- und Symbolleuchten
Reading Lamps
Leselampen
Scanners
Scanner


Número de pieza similar - LWE67C_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OSRAM GmbH
LWE67C-T1U1-1 OSRAM-LWE67C-T1U1-1 Datasheet
177Kb / 15P
   Power TOPLED Hyper-Bright LED
LWE67C-U1V2-1 OSRAM-LWE67C-U1V2-1 Datasheet
177Kb / 15P
   Power TOPLED Hyper-Bright LED
More results

Descripción similar - LWE67C_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OSRAM GmbH
LYETSF OSRAM-LYETSF Datasheet
614Kb / 21P
   Automotive Lighting Interior and Exterior
LSE63F OSRAM-LSE63F Datasheet
378Kb / 22P
   Automotive Lighting Interior and Exterior
LUWW5SM OSRAM-LUWW5SM Datasheet
717Kb / 22P
   Automotive Lighting Interior and Exterior
LWE6SG OSRAM-LWE6SG Datasheet
477Kb / 23P
   Automotive Lighting Interior and Exterior
LRW5SM-HZJZ-1-1 OSRAM-LRW5SM-HZJZ-1-1 Datasheet
611Kb / 21P
   Automotive Lighting Interior and Exterior
LOT67F OSRAM-LOT67F Datasheet
493Kb / 20P
   Automotive Lighting Interior and Exterior
LYT67F OSRAM-LYT67F Datasheet
494Kb / 20P
   Automotive Lighting Interior and Exterior
LRE6SF OSRAM-LRE6SF Datasheet
493Kb / 21P
   Automotive Lighting Interior and Exterior
LWW5SM OSRAM-LWW5SM Datasheet
732Kb / 23P
   Automotive Lighting Interior and Exterior
LWT6SG OSRAM-LWT6SG Datasheet
697Kb / 24P
   Automotive Lighting Interior and Exterior
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com