Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMA8N50H Datasheet(PDF) 2 Page - Wuxi Unigroup Microelectronics Company

No. de pieza TMA8N50H
Descripción Electrónicos  500V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WUMC [Wuxi Unigroup Microelectronics Company]
Página de inicio  http://www.tsinghuaicwx.com/en/index.asp
Logo WUMC - Wuxi Unigroup Microelectronics Company

TMA8N50H Datasheet(HTML) 2 Page - Wuxi Unigroup Microelectronics Company

  TMA8N50H Datasheet HTML 1Page - Wuxi Unigroup Microelectronics Company TMA8N50H Datasheet HTML 2Page - Wuxi Unigroup Microelectronics Company TMA8N50H Datasheet HTML 3Page - Wuxi Unigroup Microelectronics Company TMA8N50H Datasheet HTML 4Page - Wuxi Unigroup Microelectronics Company TMA8N50H Datasheet HTML 5Page - Wuxi Unigroup Microelectronics Company TMA8N50H Datasheet HTML 6Page - Wuxi Unigroup Microelectronics Company TMA8N50H Datasheet HTML 7Page - Wuxi Unigroup Microelectronics Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TMA8N50H
www.tsinghuaicwx.com
V3.0
Wuxi Unigroup Microelectronics Company
Specifications T
J = 25ºC, unless otherwise noted
Parameter
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
Static
Drain-Source Breakdown Voltage
V
(BR)DSS
V
GS = 0V, ID = 250µA
500
--
--
V
Zero Gate Voltage Drain Current
I
DSS
V
DS = 500V, VGS = 0V, TJ = 25ºC
--
--
1
μA
Gate-Source Leakage
I
GSS
V
GS = ±30V
--
--
±20
μA
Gate-Source Threshold Voltage
V
GS(th)
V
DS = VGS, ID = 250µA
3.0
--
4.0
V
Drain-Source On-Resistance (Note3)
R
DS(on)
V
GS = 10V, ID = 4A
--
0.7
0.9
Dynamic
Input Capacitance
C
iss
V
GS = 0V,
V
DS = 25V,
f = 1.0MHz
--
891
--
pF
Output Capacitance
C
oss
--
110
--
Reverse Transfer Capacitance
C
rss
--
14
--
Total Gate Charge
Q
g
V
DD = 400V, ID = 8A,
V
GS = 10V
--
22
--
nC
Gate-Source Charge
Q
gs
--
4.3
--
Gate-Drain Charge
Q
gd
--
13
--
Turn-on Delay Time
t
d(on)
V
DD = 250V, ID =8A,
R
G = 25 Ω
--
15
--
ns
Turn-on Rise Time
t
r
--
18
--
Turn-off Delay Time
t
d(off)
--
80
--
Turn-off Fall Time
t
f
--
35
--
Drain-Source Body Diode Characteristics
Continuous Body Diode Current
I
S
T
C = 25 ºC
--
--
8.0
A
Pulsed Diode Forward Current
I
SM
--
--
32
Body Diode Voltage
V
SD
T
J = 25ºC, ISD = 8A, VGS = 0V
--
--
1.4
V
Reverse Recovery Time
t
rr
V
GS = 0V,IS = 8A,
di
F/dt =100A /μs
--
300
--
ns
Reverse Recovery Charge
Q
rr
--
4.1
--
μC
Notes
1.
Repetitive Rating: Pulse width limited by maximum junction temperature
2.
I
AS = 4.5A, VDD = 50V, RG = 25 Ω, Starting TJ = 25 ºC
3.
Pulse Test: Pulse width
≤ 300μs, Duty Cycle ≤ 1%
2


Número de pieza similar - TMA8N50H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
TMA84 SANKEN-TMA84 Datasheet
275Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA84I SANKEN-TMA84I Datasheet
275Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA84S-L SANKEN-TMA84S-L Datasheet
275Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA84S-L SANKEN-TMA84S-L Datasheet
276Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA86 SANKEN-TMA86 Datasheet
275Kb / 12P
   Triac (Bidirectional Triode Thyristor)
More results

Descripción similar - TMA8N50H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com