Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC2932PFBTG4 Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No. de pieza DAC2932PFBTG4
Descripción Electrónicos  DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC2932PFBTG4 Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button DAC2932PFBTG4 Datasheet HTML 5Page - Burr-Brown (TI) DAC2932PFBTG4 Datasheet HTML 6Page - Burr-Brown (TI) DAC2932PFBTG4 Datasheet HTML 7Page - Burr-Brown (TI) DAC2932PFBTG4 Datasheet HTML 8Page - Burr-Brown (TI) DAC2932PFBTG4 Datasheet HTML 9Page - Burr-Brown (TI) DAC2932PFBTG4 Datasheet HTML 10Page - Burr-Brown (TI) DAC2932PFBTG4 Datasheet HTML 11Page - Burr-Brown (TI) DAC2932PFBTG4 Datasheet HTML 12Page - Burr-Brown (TI) DAC2932PFBTG4 Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
DAC2932
SBAS279C − AUGUST 2003 − REVISED OCTOBER 2004
www.ti.com
9
Terminal Functions (continued)
TERMINAL
NAME
DESCRIPTION
I/O
NO.
IOUT1
26
O
Complementary current ouput of I-DAC1
IOUT1
27
O
Current output of I-DAC1
AGND
28
Analog ground of I-DAC
+VA
29
Analog supply of I-DAC; 2.7V to 3.3V
+VA
30
Analog supply of I-DAC; 2.7V to 3.3V
AGND
31
Analog ground of I-DAC
AGND
32
Analog ground of I-DAC
IOUT2
33
O
Current output of I-DAC2
IOUT2
34
O
Complementary current ouput of I-DAC2
+VAV
35
Analog supply of V-DAC; 2.7V to 3.3V
NC
36
No internal connection
VOUT1
37
O
Voltage output of V-DAC1
VOUT2
38
O
Voltage output of V-DAC2
VOUT3
39
O
Voltage output of V-DAC3
VOUT4
40
O
Voltage output of V-DAC4
AGNDV
41
Analog ground of V-DAC
REFV
42
I
Reference voltage input for V-DACs; typically connected to supply (+VAV)
+VDV
43
Digital supply of V-DAC; 2.7V to 3.3V
PDV
44
I
Power-down of V-DACs; active high; a logic high initiates the power-down mode
DIN
45
I
Serial digital input for V−DAC; see timing and application sections for details
SCLK
46
I
Clock input of V-DAC
SYNC
47
I
Frame synchronization signal for the serial data at DIN. Refer to timing section for details.
DGNDV
48
Digital ground of V-DAC.


Número de pieza similar - DAC2932PFBTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC2932PFBTG4 TI1-DAC2932PFBTG4 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
More results

Descripción similar - DAC2932PFBTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
logo
Burr-Brown (TI)
ADS5231 BURR-BROWN-ADS5231 Datasheet
571Kb / 26P
   Dual, 12-Bit, 40MSPS, 3.3V Analog-to-Digital Converter
logo
Texas Instruments
ADS5270 TI1-ADS5270_13 Datasheet
1Mb / 31P
[Old version datasheet]   8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS5220 BURR-BROWN-ADS5220 Datasheet
433Kb / 20P
   12-Bit, 40MSPS Sampling, 3.3V ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS5203 TI-ADS5203 Datasheet
476Kb / 15P
[Old version datasheet]   DUAL 10-BIT 40MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER
DAC2902 TI-DAC2902_15 Datasheet
979Kb / 23P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2902 TI1-DAC2902 Datasheet
766Kb / 22P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5402 TI-ADS5402 Datasheet
575Kb / 40P
[Old version datasheet]   Dual 12-Bit 800Msps Analog-to-Digital Converter
logo
Burr-Brown (TI)
DAC2902 BURR-BROWN-DAC2902 Datasheet
389Kb / 17P
   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com