Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTR-C23PA-PMK-301 Datasheet(PDF) 2 Page - Contrinex AG Industrial Electronics

No. de pieza LTR-C23PA-PMK-301
Descripción Electrónicos  PHOTOELECTRIC SENSOR DIFFUSE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CONTRINEX [Contrinex AG Industrial Electronics]
Página de inicio  https://www.contrinex.com/
Logo CONTRINEX - Contrinex AG Industrial Electronics

LTR-C23PA-PMK-301 Datasheet(HTML) 2 Page - Contrinex AG Industrial Electronics

  LTR-C23PA-PMK-301 Datasheet HTML 1Page - Contrinex AG Industrial Electronics LTR-C23PA-PMK-301 Datasheet HTML 2Page - Contrinex AG Industrial Electronics LTR-C23PA-PMK-301 Datasheet HTML 3Page - Contrinex AG Industrial Electronics LTR-C23PA-PMK-301 Datasheet HTML 4Page - Contrinex AG Industrial Electronics LTR-C23PA-PMK-301 Datasheet HTML 5Page - Contrinex AG Industrial Electronics LTR-C23PA-PMK-301 Datasheet HTML 6Page - Contrinex AG Industrial Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LTR-C23PA-PM_Rev 3_27.01.17_PYD
Operators of the products we supply are responsible for compliance with measures for the protection of persons. The use of our equipment in applica-
tions where the safety of persons might be at risk is only authorized if the operator observes and implements separate, appropriate and necessary
measures for the protection of persons and machines. Terms of delivery and rights to change design reserved.
CONTRINEX AG Industrial Electronics
route du Pâqui 5 - P.O. Box - CH 1720 Corminboeuf - Switzerland - Tel: +41 26 460 46 46 -
Fax: +41 26 460 46 40 - Internet: www.contrinex.com - E-mail: info@contrinex.com
Target Operating range
Sensing range max.
90% 5...1’200 mm
3...1’500 mm
18% 15...500 mm
10...700 mm
6% 40...300 mm
30...450 mm
SENSING RANGE
EXCESS GAIN
WIRING DIAGRAM
PIN ASSIGNMENT
bk
4
A1
bu
3
0V
bn
1
+Ub
wh
2
A2
4
13
4
13
2
M8
M8
AVAILABLE TYPES
Part number
Part reference
Polarity
Connection
Output (A1)
Output (A2)
620 600 100
LTR-C23PA-PMK-403
PNP
PVC, 2 m, 3-wire
Light-on/IO-Link
-
620 600 101
LTR-C23PA-PMK-603
PNP
PVC, 2 m, 4-wire
Light-on/IO-Link
Dark-on
620 600 102
LTR-C23PA-PMK-60C
PNP
PVC, 2 m, 4-wire
Light-on/IO-Link
Stability alarm
620 600 103
LTR-C23PA-PMK-301
NPN
PVC, 2 m, 3-wire
Light-on
-
620 600 104
LTR-C23PA-PMK-101
NPN
PVC, 2 m, 4-wire
Light-on
Dark-on
620 600 105
LTR-C23PA-PMK-10A
NPN
PVC, 2 m, 4-wire
Light-on
Stability alarm
620 600 106
LTR-C23PA-PMS-403
PNP
Connector M8 3-pin
Light-on/IO-Link
-
620 600 107
LTR-C23PA-PMS-603
PNP
Connector M8 4-pin
Light-on/IO-Link
Dark-on
620 600 108
LTR-C23PA-PMS-60C
PNP
Connector M8 4-pin
Light-on/IO-Link
Stability alarm
620 600 109
LTR-C23PA-PMS-301
NPN
Connector M8 3-pin
Light-on
-
620 600 110
LTR-C23PA-PMS-101
NPN
Connector M8 4-pin
Light-on
Dark-on
620 600 111
LTR-C23PA-PMS-10A
NPN
Connector M8 4-pin
Light-on
Stability alarm
IO-LINK FUNCTIONALITIES
STABILITY ALARM OUTPUT (A2)
IO-Link version
1.0
SIO mode
Supported
Process data
Detection state & stability alarm
Baudrate
COM2 (38.4 kBaud)
Special functions Output configuration, output timing,
sensor mode, detection counter,
event flags, maximum and actual
sensor temperature
IO-Link specifications and IODD files may be downloaded
from www.contrinex.com (Download section)
Note: additional suffix can appear to indicate a revision version or a special version.


Número de pieza similar - LTR-C23PA-PMK-301

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Contrinex AG Industrial...
LTR-C23PA-PMK-101 CONTRINEX-LTR-C23PA-PMK-101 Datasheet
498Kb / 6P
   PHOTOELECTRIC SENSOR DIFFUSE
LTR-C23PA-PMK-10A CONTRINEX-LTR-C23PA-PMK-10A Datasheet
498Kb / 6P
   ULTRASONIC SENSORS DIFFUSE
LTR-C23PA-PMK-60C CONTRINEX-LTR-C23PA-PMK-60C Datasheet
498Kb / 6P
   PHOTOELECTRIC SENSOR DIFFUSE
More results

Descripción similar - LTR-C23PA-PMK-301

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Contrinex AG Industrial...
LTR-M18PA-PMS-101 CONTRINEX-LTR-M18PA-PMS-101 Datasheet
478Kb / 6P
   PHOTOELECTRIC SENSOR DIFFUSE
LTR-C23PA-NMS-403 CONTRINEX-LTR-C23PA-NMS-403 Datasheet
448Kb / 6P
   PHOTOELECTRIC SENSOR DIFFUSE
LTR-C23PA-PMS-301 CONTRINEX-LTR-C23PA-PMS-301 Datasheet
498Kb / 6P
   PHOTOELECTRIC SENSOR DIFFUSE
LTR-C23PA-PMK-60C CONTRINEX-LTR-C23PA-PMK-60C Datasheet
498Kb / 6P
   PHOTOELECTRIC SENSOR DIFFUSE
LTR-C23PA-NMK-403 CONTRINEX-LTR-C23PA-NMK-403 Datasheet
448Kb / 6P
   PHOTOELECTRIC SENSOR DIFFUSE
LRR-C23PA-NMK-404 CONTRINEX-LRR-C23PA-NMK-404 Datasheet
448Kb / 6P
   PHOTOELECTRIC SENSOR DIFFUSE
UST-M30MS-TLS-101 CONTRINEX-UST-M30MS-TLS-101 Datasheet
281Kb / 6P
   PHOTOELECTRIC SENSOR DIFFUSE
LTR-C23PA-PMK-101 CONTRINEX-LTR-C23PA-PMK-101 Datasheet
498Kb / 6P
   PHOTOELECTRIC SENSOR DIFFUSE
LTR-M18PA-PMS-603 CONTRINEX-LTR-M18PA-PMS-603 Datasheet
478Kb / 6P
   PHOTOELECTRIC SENSOR DIFFUSE
UST-M30PS-TMS-101 CONTRINEX-UST-M30PS-TMS-101 Datasheet
335Kb / 6P
   PHOTOELECTRIC SENSOR DIFFUSE
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com