Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTS-2306CKD-P Datasheet(PDF) 13 Page - Lite-On Technology Corporation

No. de pieza LTS-2306CKD-P
Descripción Electrónicos  LED Display
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITEON [Lite-On Technology Corporation]
Página de inicio  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTS-2306CKD-P Datasheet(HTML) 13 Page - Lite-On Technology Corporation

Back Button LTS-2306CKD-P Datasheet HTML 5Page - Lite-On Technology Corporation LTS-2306CKD-P Datasheet HTML 6Page - Lite-On Technology Corporation LTS-2306CKD-P Datasheet HTML 7Page - Lite-On Technology Corporation LTS-2306CKD-P Datasheet HTML 8Page - Lite-On Technology Corporation LTS-2306CKD-P Datasheet HTML 9Page - Lite-On Technology Corporation LTS-2306CKD-P Datasheet HTML 10Page - Lite-On Technology Corporation LTS-2306CKD-P Datasheet HTML 11Page - Lite-On Technology Corporation LTS-2306CKD-P Datasheet HTML 12Page - Lite-On Technology Corporation LTS-2306CKD-P Datasheet HTML 13Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-on Only
PART NO.: LTS-2306CKD-P
PAGE:
12 of 12
BNS-OD-C131/A4
Moisture Proof Packaging
All N/D SMD displays are shipped in moisture proof package. The displays should be stored at 30°C or
less and 90% RH or less. Once the package opened, moisture absorption begins.
Baking Conditions
If the parts are not stored in dry conditions, they must be baked before reflow to prevent damage to the
parts.
Package
Temperature
Time
In Reel
60
oC
≧48hours
In Bulk
100
oC
≧4hours
125
oC
≧2hours
Baking should only be done once.
UNITS IN A SEALED
MOISTURE-PROOF
PACKAGE
PACKAGE IS
OPENED (UNSEALED)
ENVIRONMENT LESS
THAN 30
oC, AND
LESS THAN 60% RH?
PERFORM
RECOMMENDED
BAKING CONDITIONS
BAKING IS NOT
NECESSARY
PACKAGE IS
OPENED MORE
THAN 1 WEEK
DAYS?
YES
NO
YES
NO


Número de pieza similar - LTS-2306CKD-P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lite-On Technology Corp...
LTS-2301AB LITEON-LTS-2301AB Datasheet
174Kb / 5P
   0.28- inch (7.0- mm) DIGIT HEIGHT
LTS-2301AC-15 LITEON-LTS-2301AC-15 Datasheet
341Kb / 7P
   LED Display
LTS-2301ACB LITEON-LTS-2301ACB Datasheet
336Kb / 7P
   LED Display
LTS-2301AE-09 LITEON-LTS-2301AE-09 Datasheet
349Kb / 6P
   LED Display
LTS-2301AHG-05 LITEON-LTS-2301AHG-05 Datasheet
346Kb / 6P
   LED Display
More results

Descripción similar - LTS-2306CKD-P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLG346S TOSHIBA-TLG346S Datasheet
259Kb / 6P
   LED DISPLAY
logo
SHENZHEN YONGERJIA INDU...
WEJS0402RG2-1 WINNERJOIN-WEJS0402RG2-1 Datasheet
249Kb / 1P
   LED display
WEJS43 WINNERJOIN-WEJS43 Datasheet
246Kb / 1P
   LED display
logo
Lite-On Technology Corp...
LTP-3363CKR-P LITEON-LTP-3363CKR-P Datasheet
216Kb / 10P
   LED DISPLAY
LTS-4817CTB-P LITEON-LTS-4817CTB-P Datasheet
525Kb / 12P
   LED Display
LTS-5325CTB-P LITEON-LTS-5325CTB-P Datasheet
522Kb / 11P
   LED Display
LTC-4724JS LITEON-LTC-4724JS Datasheet
363Kb / 6P
   LED Display
LTC-4727JR LITEON-LTC-4727JR Datasheet
375Kb / 6P
   LED Display
LTD-5633C LITEON-LTD-5633C Datasheet
494Kb / 7P
   LED Display
LTD-6950HR LITEON-LTD-6950HR Datasheet
357Kb / 6P
   LED Display
LTG-1163M LITEON-LTG-1163M Datasheet
465Kb / 10P
   LED Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com