Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCF4029B Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza HCF4029B
Descripción Electrónicos  PRESETTABLE UP/DOWN COUNTER BINARY OR BCD DECADE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4029B Datasheet(HTML) 8 Page - STMicroelectronics

Back Button HCF4029B Datasheet HTML 4Page - STMicroelectronics HCF4029B Datasheet HTML 5Page - STMicroelectronics HCF4029B Datasheet HTML 6Page - STMicroelectronics HCF4029B Datasheet HTML 7Page - STMicroelectronics HCF4029B Datasheet HTML 8Page - STMicroelectronics HCF4029B Datasheet HTML 9Page - STMicroelectronics HCF4029B Datasheet HTML 10Page - STMicroelectronics HCF4029B Datasheet HTML 11Page - STMicroelectronics HCF4029B Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
HCF4029B
8/12
(*) Typical temperature coefficient for all VDD value is 0.3 %/°C.
(1) If more than one unit is cascated in the parallel clocked application tr should be made less than or equal to the sum of the fixed propagation
delay at 15pF and the transition time of the carry output driving stage for the estimated capacitance load.
(2) From Up/Down, Binary/Decade, Carry In or Preset Enable Control Inputs to Clock Edge.
(3) From Carry In to Clock Edge.
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance)
RL = 200KΩ
RT = ZOUT of pulse generator (typically 50Ω)
PRESET ENABLE
tPHL tPLH Propagation Delay Time
(Carry Output)
5
170
340
ns
10
70
140
15
50
100
tsetup
(3)
Minimum Setup Time
(Carry In)
525
50
ns
10
15
30
15
12
25
thold
Minimum Hold Time
(Carry In)
5
100
200
ns
10
35
70
15
30
60
Symbol
Parameter
Test Condition
Value (*)
Unit
VDD (V)
Min.
Typ.
Max.


Número de pieza similar - HCF4029B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
HCF4029B STMICROELECTRONICS-HCF4029B Datasheet
295Kb / 13P
   BINARY OR BCD DECADE PRESETTABLE UP/DOWN COUNTER
HCF4029BC1 STMICROELECTRONICS-HCF4029BC1 Datasheet
295Kb / 13P
   BINARY OR BCD DECADE PRESETTABLE UP/DOWN COUNTER
HCF4029BEY STMICROELECTRONICS-HCF4029BEY Datasheet
295Kb / 13P
   BINARY OR BCD DECADE PRESETTABLE UP/DOWN COUNTER
HCF4029BM1 STMICROELECTRONICS-HCF4029BM1 Datasheet
295Kb / 13P
   BINARY OR BCD DECADE PRESETTABLE UP/DOWN COUNTER
More results

Descripción similar - HCF4029B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
HCC4029B STMICROELECTRONICS-HCC4029B Datasheet
295Kb / 13P
   BINARY OR BCD DECADE PRESETTABLE UP/DOWN COUNTER
logo
Micro Electronics
MMC4029 MICRO-ELECTRONICS-MMC4029 Datasheet
170Kb / 4P
   PRESETTABLE UP / DOWN COUNTER BINARY OR BCD - DECADE
logo
Motorola, Inc
SN54LS192 MOTOROLA-SN54LS192 Datasheet
276Kb / 9P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
ON Semiconductor
SN54-74LS192 ONSEMI-SN54-74LS192 Datasheet
110Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
Integral Corp.
IN74ACT192 INTEGRAL-IN74ACT192 Datasheet
364Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER
logo
System Logic Semiconduc...
SL74HC192 SLS-SL74HC192 Datasheet
69Kb / 7P
   Presettable BCD/Decade UP/DOWN Counter
logo
National Semiconductor ...
CD4029BM NSC-CD4029BM Datasheet
164Kb / 8P
   Presettable Binary/Decade Up/Down Counter
logo
Fairchild Semiconductor
CD4029BC FAIRCHILD-CD4029BC Datasheet
94Kb / 8P
   Presettable Binary/Decade Up/Down Counter
logo
National Semiconductor ...
CD4029BC NSC-CD4029BC Datasheet
164Kb / 8P
   Presettable Binary/Decade Up/Down Counter
logo
NXP Semiconductors
74HC190 PHILIPS-74HC190 Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com