Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCF4029BEY Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza HCF4029BEY
Descripción Electrónicos  PRESETTABLE UP/DOWN COUNTER BINARY OR BCD DECADE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4029BEY Datasheet(HTML) 7 Page - STMicroelectronics

Back Button HCF4029BEY Datasheet HTML 3Page - STMicroelectronics HCF4029BEY Datasheet HTML 4Page - STMicroelectronics HCF4029BEY Datasheet HTML 5Page - STMicroelectronics HCF4029BEY Datasheet HTML 6Page - STMicroelectronics HCF4029BEY Datasheet HTML 7Page - STMicroelectronics HCF4029BEY Datasheet HTML 8Page - STMicroelectronics HCF4029BEY Datasheet HTML 9Page - STMicroelectronics HCF4029BEY Datasheet HTML 10Page - STMicroelectronics HCF4029BEY Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
HCF4029B
7/12
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25°C, CL = 50pF, RL = 200KΩ, tr = tf = 20 ns)
Symbol
Parameter
Test Condition
Value (*)
Unit
VDD (V)
Min.
Typ.
Max.
tPLH tPHL Propagation Delay Time
(Q Outputs)
5
250
500
ns
10
120
240
15
90
180
tPLH tPHL Propagation Delay Time
(Carry Output)
5
280
560
ns
10
130
260
15
95
190
tTHL tTLH Transition Time
(Q Outputs, Carry Output)
5
100
200
ns
10
50
100
15
40
80
tW
Minimum Clock Pulse
Width
590
180
ns
10
45
90
15
30
60
tr, tf
(1)
Clock Rise and Fall Time
5
15
ns
10
15
15
15
tsetup
(2)
Minimum Setup Time
(Carry Input)
530
60
ns
10
10
20
15
6
12
tsetup
Minimum Setup Time
(B/D or U/D)
5
170
340
ns
10
70
140
15
50
100
fMAX
Maximum Clock Input
Frequency
52
4
MHz
10
4
8
15
5.5
11
PRESET ENABLE
tPLH tPHL Propagation Delay Time
(Q Outputs)
5
235
470
ns
10
100
200
15
80
160
tPLH tPHL Propagation Delay Time
(Carry Output)
5
320
640
ns
10
145
290
15
105
210
tW
Minimum Preset Enable
(Pulse Width)
565
130
ns
10
35
70
15
25
50
trem
(2)
Minimum Preset Enable
(Removal Time)
5
100
200
ns
10
55
110
15
40
80


Número de pieza similar - HCF4029BEY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
HCF4029BEY STMICROELECTRONICS-HCF4029BEY Datasheet
295Kb / 13P
   BINARY OR BCD DECADE PRESETTABLE UP/DOWN COUNTER
More results

Descripción similar - HCF4029BEY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
HCC4029B STMICROELECTRONICS-HCC4029B Datasheet
295Kb / 13P
   BINARY OR BCD DECADE PRESETTABLE UP/DOWN COUNTER
logo
Micro Electronics
MMC4029 MICRO-ELECTRONICS-MMC4029 Datasheet
170Kb / 4P
   PRESETTABLE UP / DOWN COUNTER BINARY OR BCD - DECADE
logo
Motorola, Inc
SN54LS192 MOTOROLA-SN54LS192 Datasheet
276Kb / 9P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
ON Semiconductor
SN54-74LS192 ONSEMI-SN54-74LS192 Datasheet
110Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
Integral Corp.
IN74ACT192 INTEGRAL-IN74ACT192 Datasheet
364Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER
logo
System Logic Semiconduc...
SL74HC192 SLS-SL74HC192 Datasheet
69Kb / 7P
   Presettable BCD/Decade UP/DOWN Counter
logo
National Semiconductor ...
CD4029BM NSC-CD4029BM Datasheet
164Kb / 8P
   Presettable Binary/Decade Up/Down Counter
logo
Fairchild Semiconductor
CD4029BC FAIRCHILD-CD4029BC Datasheet
94Kb / 8P
   Presettable Binary/Decade Up/Down Counter
logo
National Semiconductor ...
CD4029BC NSC-CD4029BC Datasheet
164Kb / 8P
   Presettable Binary/Decade Up/Down Counter
logo
NXP Semiconductors
74HC190 PHILIPS-74HC190 Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com