Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM76002-Q1 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM76002-Q1
Descripción Electrónicos  3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM76002-Q1 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM76002-Q1 Datasheet HTML 18Page - Texas Instruments LM76002-Q1 Datasheet HTML 19Page - Texas Instruments LM76002-Q1 Datasheet HTML 20Page - Texas Instruments LM76002-Q1 Datasheet HTML 21Page - Texas Instruments LM76002-Q1 Datasheet HTML 22Page - Texas Instruments LM76002-Q1 Datasheet HTML 23Page - Texas Instruments LM76002-Q1 Datasheet HTML 24Page - Texas Instruments LM76002-Q1 Datasheet HTML 25Page - Texas Instruments LM76002-Q1 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
22
LM76002-Q1, LM76003-Q1
SNVSAU3 – DECEMBER 2017
www.ti.com
Product Folder Links: LM76002-Q1 LM76003-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.4 Device Functional Modes
7.4.1 Shutdown Mode
The EN pin provides electrical on/off control for the LM76002-Q1/LM76003-Q1. When the EN pin voltage is
below 0.3 V (typical), both the regulator and the internal LDO have no output voltages, and the device is in
shutdown mode. In shutdown mode the quiescent current drops to typically 1.2 µA. The LM76002-Q1/LM76003-
Q1 also employs UVLO protection. If VCC voltage is below the UVLO level, the output of the regulator is turned
off.
7.4.2 Standby Mode
The internal LDO has a lower EN threshold than the regulator. When the EN pin voltage is above below 1.1 V
(maximum) and below the precision enable threshold for the output voltage, the internal LDO regulates the VCC
voltage at 3.29 V typically. The precision enable circuitry is ON once VCC is above the UVLO. The internal
MOSFETs remain in tri-state unless the voltage on EN pin goes above the precision enable threshold. The
LM76002-Q1/LM76003-Q1 also employs UVLO protection. If VCC voltage is below the UVLO level, the output of
the regulator is turned off.
7.4.3 Active Mode
The LM76002-Q1/LM76003-Q1 is in active mode when the EN pin and UVLO high threshold levels are satisfied.
The simplest way to enable the operation of the LM76002-Q1/LM76003-Q1 is to connect the EN pin to VIN,
which allows self start-up of the LM76002-Q1/LM76003-Q1 when the input voltage is in the operation range: 3.5
V to 60 V. See Enable (EN Pin) and UVLO for details on setting these operating levels.
In active mode, depending on the load current, the LM76002-Q1/LM76003-Q1 will be in one of five sub modes:
1. CCM with fixed switching frequency with load between half of IMINPK to full load.
2. DCM when the load current is lower than half of the inductor current ripple.
3. Light load mode where the device uses pulse frequency modulation (PFM) and lowers the switching
frequency at load under half of IMINPK to improve efficiency.
4. Foldback mode when switching frequency is reduced to maintain output regulation with supply voltages that
cause the minimum tON or tOFF to be exceeded.
5. Forced-pulse-width modulation (FPWM) is similar to CCM with fixed switching frequency, but extends the
fixed frequency range of operation from full to no load.
7.4.4 CCM Mode
CCM operation is employed in the LM76002-Q1/LM76003-Q1 when the load current is higher than ½ of the
peak-to-peak inductor current. If the load current is decreased, the device enters DCM mode. In CCM operation,
the frequency of operation is constant and fixed unless the minimum tON or tOFF are exceeded which causes the
part to enter fold back mode (refer to Internal LDO, VCC UVLO, and Bias Input for details). In these cases, PWM
is still maintained, but the frequency of operation is folded back (reduced) to maintain proper regulation.
7.4.5 DCM Mode
DCM operation is employed in the LM76002-Q1/LM76003-Q1 when the load current is lower than ½ of the peak-
to-peak inductor current. In DCM operation (also known as diode emulation mode), the LS FET is turned off
when the inductor current drops below 0 A to keep operation as efficient as possible by reducing switching
losses and preventing negative current conduction. In PWM operation, the frequency of operation is constant and
fixed unless the load current is reduced below IPEAK_MIN, which causes the part to enter light load mode, or if the
minimum tON or tOFF are exceeded, which cause the device to enter foldback mode.
7.4.6 Light Load Mode
At light output current loads, PFM is activated for the highest efficiency possible. When the inductor current does
not reach IPEAK_MIN during a switching cycle, the on-time is increased, and the switching frequency reduces as
needed to maintain proper regulation. The on-time has a maximum value of 8 µs to avoid large output voltage
ripple in dropout conditions. Efficiency is greatly improved by reducing switching and gate-drive losses. During
light-load mode of operation the LM76002-Q1/LM76003-Q1 operates with a minimum quiescent current of 10 to
15 µA (typical).


Número de pieza similar - LM76002-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM76002 TI1-LM76002 Datasheet
1Mb / 53P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM76002RNPR TI1-LM76002RNPR Datasheet
1Mb / 53P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM76002RNPT TI1-LM76002RNPT Datasheet
1Mb / 53P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
More results

Descripción similar - LM76002-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM76002 TI1-LM76002 Datasheet
1Mb / 53P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM46001-Q1 TI1-LM46001-Q1_17 Datasheet
2Mb / 55P
[Old version datasheet]   3.5-V to 60-V, 1 A Synchronous Step-Down Voltage Converter
LM46002-Q1 TI1-LM46002-Q1 Datasheet
2Mb / 60P
[Old version datasheet]   3.5-V to 60-V, 2-A, Synchronous Step-Down Voltage Converter
LM46000-Q1 TI1-LM46000-Q1 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 60-V, 0.5-A Synchronous Step-Down Voltage Converter
LM76005 TI1-LM76005 Datasheet
1Mb / 39P
[Old version datasheet]   LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
LM46000-Q1 TI-LM46000-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
LM46002-Q1 TI-LM46002-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM46002 TI-LM46002_15 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM43600-Q1 TI1-LM43600-Q1_17 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 36-V, 0.5-A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com