Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMZM33602RLRR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMZM33602RLRR
Descripción Electrónicos  4-V to 36-V Input, 2-A Step-Down DC-DC Power Module in QFN Package
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMZM33602RLRR Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMZM33602RLRR Datasheet HTML 10Page - Texas Instruments LMZM33602RLRR Datasheet HTML 11Page - Texas Instruments LMZM33602RLRR Datasheet HTML 12Page - Texas Instruments LMZM33602RLRR Datasheet HTML 13Page - Texas Instruments LMZM33602RLRR Datasheet HTML 14Page - Texas Instruments LMZM33602RLRR Datasheet HTML 15Page - Texas Instruments LMZM33602RLRR Datasheet HTML 16Page - Texas Instruments LMZM33602RLRR Datasheet HTML 17Page - Texas Instruments LMZM33602RLRR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
RT
SW
40200
R
0.6 k
f
kHz
§
·
:
¨
¸
¨
¸
©
¹
14
LMZM33602
SNVSAO4 – DECEMBER 2017
www.ti.com
Product Folder Links: LMZM33602
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.3.4 Switching Frequency (RT)
The switching frequency range of the LMZM33602 is 200 kHz to 1.2 MHz. The switching frequency can easily be
set by connecting a resistor (RRT) between the RT pin and AGND. Additionally, the RT pin can be left floating
and the LMZM33602 will operate at 400 kHz default switching frequency. Use Equation 3 to calculate the RRT
value for a desired frequency or simply select from Table 3.
The switching frequency must be selected based on the output voltage setting of the device and the operating
input voltage. See Table 3 for RRT resistor values and the allowable output voltage range for a given switching
frequency for three common input voltages.
(3)
Table 3. Switching Frequency vs Output Voltage
SWITCHING
FREQUENCY
(kHz)
RRT
RESISTOR
(kΩ)
VIN = 5 V (±5%)
VIN = 12 V (±5%)
VIN = 24 V (±5%)
VOUT RANGE (V)
VOUT RANGE (V)
VOUT RANGE (V)
MIN
MAX
MIN
MAX
MIN
MAX
200
200
1
3.4
1
5.5
1
6.2
250
158
1
3.5
1
6.2
1
10.6
300
133
1
3.5
1
6.8
1
10.6
350
113
1
3.5
1
7.4
1
10.7
400
100 or
(RT pin open)
1
3.5
1
7.9
1
11.4
450
88.7
1
3.5
1
8.4
1.2
12.1
500
78.7
1
3.5
1
8.9
1.3
12.8
550
71.5
1
3.4
1
9.3
1.4
13.4
600
66.5
1
3.4
1
9.5
1.6
14.1
650
60.4
1
3.4
1
9.4
1.7
14.6
700
56.2
1
3.3
1
9.3
1.8
15.2
750
52.3
1
3.3
1
9.2
2.0
15.8
800
49.9
1
3.3
1
9.1
2.1
16.3
850
46.4
1
3.2
1.1
9.0
2.2
16.8
900
44.2
1
3.2
1.2
9.0
2.3
17.3
950
41.2
1
3.2
1.2
8.9
2.5
17.8
1000
39.2
1
3.1
1.3
8.8
2.6
18
1050
37.4
1
3.1
1.4
8.7
2.7
18
1100
35.7
1
3.1
1.4
8.6
2.9
18
1150
34.0
1
3
1.5
8.5
3
18
1200
33.2
1
3
1.6
8.5
3.1
18


Número de pieza similar - LMZM33602RLRR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMZM33602 TI1-LMZM33602 Datasheet
462Kb / 28P
[Old version datasheet]   LMZM33603 4-V to 36-V Input, 3-A Step-Down DC-DC Power Module in QFN Package
More results

Descripción similar - LMZM33602RLRR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMZM33603 TI1-LMZM33603_18 Datasheet
1,017Kb / 36P
[Old version datasheet]   4-V to 36-V Input, 3-A Step-Down DC/DC Power Module in QFN Package
LMZM33603 TI1-LMZM33603 Datasheet
462Kb / 28P
[Old version datasheet]   LMZM33603 4-V to 36-V Input, 3-A Step-Down DC-DC Power Module in QFN Package
TPSM53602 TI1-TPSM53602 Datasheet
1Mb / 33P
[Old version datasheet]   TPSM53602 36-V Input, 2-A Power Module in RLF QFN Package
TPSM53604 TI1-TPSM53604 Datasheet
1Mb / 33P
[Old version datasheet]   TPSM53604 36-V Input, 4-A Power Module in RLF QFN Package
TPSM53604 TI1-TPSM53604_V01 Datasheet
1Mb / 33P
[Old version datasheet]   TPSM53604 36-V Input, 4-A Power Module in RLF QFN Package
LMZM23601 TI1-LMZM23601 Datasheet
837Kb / 32P
[Old version datasheet]   36-V, 1-A Step-Down DC-DC Nano Module
LMZM23600 TI1-LMZM23600 Datasheet
1,006Kb / 36P
[Old version datasheet]   36-V, 0.5-A Step-Down DC-DC Power Module in 3.8-mm x 3-mm Package
LMZM23601 TI1-LMZM23601_18 Datasheet
1Mb / 44P
[Old version datasheet]   36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
TPSM53603 TI1-TPSM53603 Datasheet
1Mb / 33P
[Old version datasheet]   TPSM53603 36-V Input, 3-A Power Module in RLF QFN Package
TPS62140 TI-TPS62140_13 Datasheet
1Mb / 35P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3x3 QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com