Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


LMZM33602RLRR Datasheet(Hoja de datos) 8 Page - TI store

Click here to check the latest version.
No. de Pieza. LMZM33602RLRR
Descripción  4-V to 36-V Input, 2-A Step-Down DC-DC Power Module in QFN Package
Descarga  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [TI store]
Página de inicio  http://www.ti.com
Logo 

 8 page
background image
Output Current (A)
0.0
0.5
1.0
1.5
2.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
D010
VOUT, fSW
2.5 V, 250 kHz
3.3 V, 300 kHz
5.0 V, 450 kHz
Output Current (A)
0.0
0.5
1.0
1.5
2.0
25
35
45
55
65
75
85
95
105
115
D004
Airflow
Nat Conv
Output Current (A)
0.0
0.5
1.0
1.5
2.0
50
55
60
65
70
75
80
85
90
95
100
D002
VOUT, fSW
5.0 V, 450 kHz
3.3 V, 300 kHz
2.5 V, 250 kHz
Output Current (A)
0.0
0.5
1.0
1.5
2.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
D006
VOUT, fSW
5.0 V, 450 kHz
3.3 V, 300 kHz
2.5 V, 250 kHz
8
LMZM33602
SNVSAO4 – DECEMBER 2017
www.ti.com
Product Folder Links: LMZM33602
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.8 Typical Characteristics (VIN = 12 V)
The typical characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the
device.
VIN = 12 V
Figure 4. Efficiency vs Output Current
VIN = 12 V
Figure 5. Power Dissipation vs Output Current
VIN = 12 V
COUT = 4 × 22 µF, 25 V, 1210 ceramic
Figure 6. Voltage Ripple vs Output Current
VIN = 12 V
VOUT = 5 V
fSW = 450 kHz
Figure 7. Safe Operating Area




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl