Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD53509G Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD53509G
Descripción Electrónicos  High Performance Driver/Comparator Active Load on a Single Chip
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD53509G Datasheet(HTML) 4 Page - Analog Devices

  AD53509G Datasheet HTML 1Page - Analog Devices AD53509G Datasheet HTML 2Page - Analog Devices AD53509G Datasheet HTML 3Page - Analog Devices AD53509G Datasheet HTML 4Page - Analog Devices AD53509G Datasheet HTML 5Page - Analog Devices AD53509G Datasheet HTML 6Page - Analog Devices AD53509G Datasheet HTML 7Page - Analog Devices AD53509G Datasheet HTML 8Page - Analog Devices AD53509G Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD53509
Rev. B | Page 4 of 12
Parameter
Min
Typ
Max
Unit
Test Conditions
Rise and Fall Times
1 V Swing
0.42
ns
Measured 20% to 80%, VL = 0 V,
VH = 1 V, VT = 0 V
3 V Swing
0.75
ns
Measured 20% to 80%, VL = 0 V,
VH = 3 V, VT = 0 V
5 V Swing
1.65
ns
Measured 10% to 90%, VL = 0 V,
VH = 5 V, VT = 0 V
9 V Swing
3.0
ns
Measured 10% to 90%, VL = −2 V,
VH = 7 V, VT = 0 V
Rise/Fall Time Temperature Coefficient
1 V Swing
±1
ps/°C
Measured 20% to 80%, VL = 0 V, VH = 1 V
3 V Swing
±2
ps/°C
Measured 20% to 80%, VL = 0 V, VH = 3 V
5 V Swing
±4
ps/°C
Measured 10% to 90%, VL = 0 V, VH = 5 V
Overshoot and Preshoot
<3 + 50
% of Step + mV
VL, VH = −0.1 V, +0.1 V, VL, VH = 0 V, +1.0 V
VL, VH = 0 V, 3.0 V, VL, VH = 0 V, 5.0 V
VL, VH = −2.0 V, +7.0 V
Settling Time
to 15 mV
<50
ns
VL = 0 V, VH = 0.5 V, VT = −2 V
to 4 mV
<10
μs
VL = 0 V, VH = 0.5 V, VT = −2 V
Delay Change vs. Pulse Width
50
ps
VL = 0 V, VH = 2 V, pulse width = 2.5 ns/7.5 ns,
30 ns/90 ns
Minimum Pulse Width
3 V Swing
1.4
ns
VL = 0 V, VH = 3 V, 90% (2.7 V) reached,
measure @ 50%
5 V Swing
2.0
ns
VL = 0 V, VH = 5 V, 90% (4.5 V) reached,
measure @ 50%
Toggle Rate
250
MHz
VL = 0 V, VH = 5 V, VDUT > 3.0 V p-p
DYNAMIC PERFORMANCE, INHIBIT
Delay Time, Active to Inhibit
3.3
ns
Measured at 50%, VH = 2 V, VL = −2 V, VT = 0 V
Delay Time, Inhibit to Active
2.9
ns
Measured at 50%, VH = 2 V, VL = −2 V, VT = 0 V
Delay Time Matching, Z
<2
ns
Z = delay time, active to inhibit − delay time,
inhibit to active (of worst two edges)
Input/Output Spike
150
mV p-p
VH = 0 V, VL = 0 V, VT = 0 V
Rise/Fall Time, Active to Inhibit
1.6
ns
VH = 2 V, VL = −2 V (measured 20%/80% of
1 V output)
Rise/Fall Time, Inhibit to Active
1.4
ns
VH = 2 V, VL = −2 V (measured 20%/80% of
1 V output)
DYNAMIC PERFORMANCE, VT
Delay Time, VH to VT and VL to VT
2.5
ns
Measured at 50%, VL = −1 V, VH = 1 V, VT = 0 V
Delay Time, VT to VH and VT to VL
2.5
ns
Measured at 50%, VL = VH = 0.4 V, VT = −0.4 V
Overshoot and Preshoot
<3.0 + 75
% of Step + mV
VH/VL, VT = (0 V, −1 V), (0 V, −2.0 V), (0 V, +6.0 V)
VT Mode Rise Time
2.2
ns
VL = −2 V, VH = 2 V, VT = 0 V, 20% to 80%
VT Mode Fall Time
2.2
ns
VL = −2 V, VH = 2 V, VT = 0 V, 20% to 80%
PSRR, Drive, or Term Mode
35
dB
VS = VS ± 3%


Número de pieza similar - AD53509G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD53509 AD-AD53509 Datasheet
110Kb / 8P
   High-Performance Driver/Comparator Active Load on a Single Chip
REV. A
AD53509JSQ AD-AD53509JSQ Datasheet
110Kb / 8P
   High-Performance Driver/Comparator Active Load on a Single Chip
REV. A
AD53509 AD-AD53509_15 Datasheet
352Kb / 12P
   High Performance Driver/Comparator
REV. B
More results

Descripción similar - AD53509G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD53032 AD-AD53032_15 Datasheet
110Kb / 8P
   High Performance Driver/Comparator Active Load on a Single Chip
REV. 0
AD53509 AD-AD53509 Datasheet
110Kb / 8P
   High-Performance Driver/Comparator Active Load on a Single Chip
REV. A
AD53032 AD-AD53032 Datasheet
101Kb / 8P
   High Performance Driver/Comparator Active Load on a Single Chip
REV. 0
AD53033 AD-AD53033 Datasheet
96Kb / 6P
   High Performance Driver/Comparator on a Single Chip
REV. 0
AD53033 AD-AD53033_15 Datasheet
99Kb / 6P
   High Performance Driver/Comparator on a Single Chip
REV. 0
AD53509 AD-AD53509_15 Datasheet
352Kb / 12P
   High Performance Driver/Comparator
REV. B
logo
Renesas Technology Corp
UPC271 RENESAS-UPC271 Datasheet
738Kb / 9P
   High Performance Comparator
Rev.1.00
logo
STCmicro Technology Co,...
STC12C5A60S2 STC-STC12C5A60S2 Datasheet
1Mb / 439P
   single-chip microcontroller based on a high performance 1T architecture 80C51 CPU
logo
Maxim Integrated Produc...
MAX9973 MAXIM-MAX9973 Datasheet
382Kb / 26P
   Dual Driver/Comparator/Load with Internal DACs
Rev 0; 1/07
logo
Linear Technology
RH119 LINER-RH119 Datasheet
161Kb / 4P
   High Performance Dual Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com