Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADAS1000-4BCPZ Datasheet(PDF) 3 Page - Analog Devices |
|
ADAS1000-4BCPZ Datasheet(HTML) 3 Page - Analog Devices |
3 / 80 page Data Sheet ADAS1000-3/ADAS1000-4 REVISION HISTORY 1/15—Rev. A to Rev. B Changed Frequency Range from 2.031 kHz (Typ) to 2.039 kHz (Typ); Table 2 .....................................................................................7 Changes to Endnote 3; Table 3 and Changes to Table 4.............10 Changes to Figure 16 ......................................................................18 Changes to Figure 39 and Figure 40 .............................................22 Changes to ECG Channel Section ................................................28 Changes to Digital Lead Mode and Calculation Section and Electrode Mode: Common Electrode A and Common Electrode B Configuration Section; Added Figure 55; Renumbered Sequentially ..............................................................29 Deleted Table 11; Renumbered Sequentially...............................29 Added Figure 56 and Figure 57.....................................................30 Added Figure 58 and Figure 59.....................................................31 Added Figure 60 ..............................................................................32 Changes to Figure 61, Figure 62, and Figure 63..........................33 Changes to Lead-Off Detection Section ......................................36 Added Figure 66 and Changes to Respiration (ADAS1000-4 Model Only) Section.......................................................................37 Changes to External Respiration Path Section............................39 Changes to Respiration Carrier Frequency Section; Added Table 13 and Table 14......................................................................40 Changes to Pacing Artifact Detection Function (ADAS1000-4 Only) Section ...................................................................................41 Changes to Table 15 ........................................................................42 Changes to Detection Algorithm Overview Section..................43 Changes to Pace Edge Threshold, Pace Level Threshold, Pace Amplitude Threshold, Pace Validation Filters, and Pace Width Filter Sections ..................................................................................44 Changes to Evaluating Pace Detection Performance Section and Added Pace Width Section ............................................................45 Changes to Voltage Reference Section .........................................57 Changes to Data Ready ( EE AA ) Section.....................................53 DRDY Changes to Secondary Serial Interface Section and Table 25....55 Changes to Bit 3, Table 28 ..............................................................58 Changes to Table 43 ........................................................................68 Changes to Table 45 ........................................................................69 Changes to Table 51 and Table 52 .................................................72 Changes to Example 1: Initialize the Device for ECG Capture and Start Streaming Data Section .................................................74 1/13—Rev. 0 to Rev. A Changes to Endnote 2, Table 1 ........................................................3 Changes to Excitation Current Test Conditions/Comments ......5 Added Table 3....................................................................................9 Changes to Figure 36, Figure 37, and Figure 39 .........................21 Changes to Respiration (ADAS1000-4 Model Only) Section and Figure 63 ...................................................................................34 Changes to Figure 64 ......................................................................35 Changes to Figure 65 ......................................................................36 Added Evaluating Pace Detection Performance Section...........40 Changes to Clocks Section.............................................................49 Changes to RESPAMP Bits Function Description, Table 29.....55 11/12—Revision 0: Initial Version Rev. B | Page 3 of 80 |
Número de pieza similar - ADAS1000-4BCPZ |
|
Descripción similar - ADAS1000-4BCPZ |