Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI-E3600-4 Datasheet(PDF) 2 Page - Diotec Semiconductor

No. de pieza SI-E3600-4
Descripción Electrónicos  Standard Recovery High Voltage Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIOTEC [Diotec Semiconductor]
Página de inicio  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SI-E3600-4 Datasheet(HTML) 2 Page - Diotec Semiconductor

  SI-E3600-4 Datasheet HTML 1Page - Diotec Semiconductor SI-E3600-4 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Si-E8000/3600-4
Characteristics
Kennwerte
Si-E8000/3600-4
Rated DC voltage
Anschlussgleichspannung
1)
VI = VVRMS
V
RD
3600 V
Forward voltage
Durchlass-Spannung
Tj = 25°C
IF = 4 A
VF
< 12
Typical junction capacitance
Typische Sperrschichtkapazität
VR = 4 V
Cj
8 pF
Reverse recovery time
Sperrverzug
IF = 0.5 A through/über
IR = 1 A to IR = 0.25 A
trr
typ. 1500 ns
Leakage current
Sperrstrom
Tj = 45°C
VR = VRRM
IR
< 5 µA
Leakage current
Sperrstrom
Tj = 150°C
VR = VRRM
IR
< 1 mA
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Arithmetic average DC voltage at half-wave rectification and no-load
Arithmetischer Mittelwert der Leerlaufgleichspannung bei Einweggleichrichtung
2
http://www.diotec.com/
© Diotec Semiconductor AG
120
100
80
60
40
20
0
[%]
I
FAV
Rated forward current versus ambient temperature
Zul. Richtstrom in Abh. von der Umgebungstemp.
[°C]
T
A
150
100
50
0


Número de pieza similar - SI-E3600-4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semikron International
SI-E3000-1350-2.5 SEMIKRON-SI-E3000-1350-2.5 Datasheet
98Kb / 2P
   High voltage rectifiers
SI-E3000-1350-2.5 SEMIKRON-SI-E3000-1350-2.5 Datasheet
102Kb / 2P
   High voltage rectifiers
SI-E3000-1350-2.5 SEMIKRON-SI-E3000-1350-2.5_06 Datasheet
102Kb / 2P
   High voltage rectifiers
SI-E3000/1350-2.5 SEMIKRON-SI-E3000/1350-2.5 Datasheet
98Kb / 2P
   High voltage rectifiers
More results

Descripción similar - SI-E3600-4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diotec Semiconductor
SI-A1125 DIOTEC-SI-A1125_18 Datasheet
186Kb / 2P
   Standard Recovery High Voltage Rectifier Diodes
BY4 DIOTEC-BY4_16 Datasheet
144Kb / 2P
   Standard Recovery High Voltage Rectifier Diodes
logo
High Voltage Power Solu...
CS4309G600 HVPSI-CS4309G600 Datasheet
161Kb / 2P
   Standard Recovery High Voltage Diodes
logo
Diotec Semiconductor
1N4001 DIOTEC-1N4001_1 Datasheet
142Kb / 2P
   Standard Recovery Rectifier Diodes
BYW27-50 DIOTEC-BYW27-50 Datasheet
136Kb / 2P
   Standard Recovery Rectifier Diodes
logo
SUNMATE electronic Co.,...
BY2000 SUNMATE-BY2000 Datasheet
551Kb / 2P
   STANDARD RECOVERY RECTIFIER DIODES
logo
Diotec Semiconductor
P2500A DIOTEC-P2500A_15 Datasheet
138Kb / 2P
   Standard Recovery Rectifier Diodes
PX1500A DIOTEC-PX1500A_15 Datasheet
140Kb / 2P
   Standard Recovery Rectifier Diodes
BY251 DIOTEC-BY251_15 Datasheet
94Kb / 2P
   Standard Recovery Rectifier Diodes
P2000A DIOTEC-P2000A_15 Datasheet
138Kb / 2P
   Standard Recovery Rectifier Diodes
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com