Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BF1212 Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza BF1212
Descripción Electrónicos  N-channel dual-gate MOS-FETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1212 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BF1212 Datasheet HTML 2Page - NXP Semiconductors BF1212 Datasheet HTML 3Page - NXP Semiconductors BF1212 Datasheet HTML 4Page - NXP Semiconductors BF1212 Datasheet HTML 5Page - NXP Semiconductors BF1212 Datasheet HTML 6Page - NXP Semiconductors BF1212 Datasheet HTML 7Page - NXP Semiconductors BF1212 Datasheet HTML 8Page - NXP Semiconductors BF1212 Datasheet HTML 9Page - NXP Semiconductors BF1212 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
2003 Nov 14
6
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
BF1212; BF1212R; BF1212WR
handbook, halfpage
0
30
20
10
0
0.5
2.5
(4)
(5)
(6)
1
1.5
2
MLE233
VG1-S (V)
ID
(mA)
(7)
(1)
(2)
(3)
Fig.5 Transfer characteristics; typical values.
VDS =5V.
Tj =25 °C.
(1) VG2-S =4V.
(2) VG2-S = 3.5 V.
(3) VG2-S =3V.
(4) VG2-S = 2.5 V.
(5) VG2-S =2V.
(6) VG2-S = 1.5 V.
(7) VG2-S =1V.
handbook, halfpage
02
(1)
(2)
(6)
(7)
(8)
4
VDS (V)
ID
(mA)
6
32
24
8
0
16
MLE234
(3)
(4)
(5)
(9)
Fig.6 Output characteristics; typical values.
VG2-S =4V.
Tj =25 °C.
(1) VG1-S = 1.6 V.
(2) VG1-S = 1.5 V.
(3) VG1-S = 1.4 V.
(4) VG1-S = 1.3 V.
(5) VG1-S = 1.2 V.
(6) VG1-S = 1.1 V.
(7) VG1-S = 1.0 V.
(8) VG1-S = 0.9 V.
(9) VG1-S = 0.8 V.
handbook, halfpage
0
VG1-S (V)
IG1
(
µA)
0.5
1
2
100
0
80
1.5
60
40
20
MLE235
(2)
(3)
(1)
(5)
(6)
(7)
(4)
Fig.7
Gate 1 current as a function of gate 1
voltage; typical values.
VDS =5V.
Tj =25 °C.
(1) VG2-S =4V.
(2) VG2-S = 3.5 V.
(3) VG2-S =3V.
(4) VG2-S = 2.5 V.
(5) VG2-S =2V.
(6) VG2-S = 1.5 V.
(7) VG2-S =1V.
handbook, halfpage
04
(1)
(2)
(3)
(4)
(5)
(7)
20
40
30
10
0
20
8
ID (mA)
12
16
MLE236
(6)
yfs
(mS)
Fig.8
Forward transfer admittance as a function
of drain current; typical values.
VDS =5V.
Tj =25 °C.
(1) VG2-S =4V.
(2) VG2-S = 3.5 V.
(3) VG2-S =3V.
(4) VG2-S = 2.5 V.
(5) VG2-S =2V.
(6) VG2-S = 1.5 V.
(7) VG2-S =1V.


Número de pieza similar - BF1212

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BF1212 NXP-BF1212 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF1212R NXP-BF1212R Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF1212WR NXP-BF1212WR Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BF1212 JMNIC-BF1212_15 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
More results

Descripción similar - BF1212

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 PHILIPS-BF904 Datasheet
111Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 17
BF904A PHILIPS-BF904A Datasheet
114Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1211_2015 JMNIC-BF1211_2015 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904_07 Datasheet
309Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com