Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

53182TDH4P Datasheet(PDF) 1 Page - ebm-papst

No. de Pieza. 53182TDH4P
Descripción  DC axial compact fan
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  EBMPAPST [ebm-papst]
Página de inicio  http://www.ebmpapst.com
Logo 

53182TDH4P Datasheet(HTML) 1 Page - ebm-papst

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DC axial compact fan
5318 /2 TDH4P
ebm-papst St. Georgen GmbH & Co. KG
Hermann-Papst-Str. 1
D-78112 St. Georgen
Phone +49 (0) 7724 81-0
Fax +49 (0) 7724 81-1309
info2@de.ebmpapst.com
www.ebmpapst.com
Nominal data
Type
5318 /2 TDH4P
Nominal voltage
VDC
48
Nominal voltage range
VDC
36 .. 72
Speed (rpm)
min-1
9200
Power consumption
W
149
Min. ambient temperature
°C
-20
Max. ambient temperature
°C
65
Air flow
m3/h
670
Sound power level
B
8.8
Sound pressure level
dB(A)
79
ml = Max. load · me = Max. efficiency · fa = Free air · cs = Customer specification · ce = Customer equipment
Subject to change
ENU (Web) · Approved 2016-06-22 · Page 1 / 4
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Str. 1 · D-78112 St. Georgen · Phone +49 (0) 7724 81-0 · Fax +49 (0) 7724 81-1309 · info2@de.ebmpapst.com ·
www.ebmpapst.com


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn