Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LD422243 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

No. de pieza LD422243
Descripción Electrónicos  Dual SCR/Diode Isolated Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POWEREX [Powerex Power Semiconductors]
Página de inicio  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

LD422243 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  LD422243 Datasheet HTML 1Page - Powerex Power Semiconductors LD422243 Datasheet HTML 2Page - Powerex Power Semiconductors LD422243 Datasheet HTML 3Page - Powerex Power Semiconductors LD422243 Datasheet HTML 4Page - Powerex Power Semiconductors LD422243 Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
www.pwrx.com
Dual SCR/Diode Isolated Module
430 Amperes / Up to 2200 Volts
Revision Date: 03/09/2015
LD42__43
Ordering Information:
Select the complete eight-digit
module part number from the table
below.
Example: LD421843 is a 1800 Volt,
430 Ampere Dual SCR Isolated
POW-R-BLOK
TM Module
Type
Voltage
Volts
(x100)
Current
Amperes
(x10)
LD42
18
20
22
43
LD42__43
Dual SCR/Diode
POW-R-BLOK
TM Module
430 Amperes / 1800-2200 Volts
LD42 Outline Dimensions
Dimension
Inches
Millimeters
A
5.91
150.0
B
4.88
124.0
C
4.41
112.0
D
2.36
60.0
E
2.05
52.0
F
1.97
50.0
G
1.89
48.0
H
1.73
44.0
J
1.22
31.0
K
1.10
28.0
L
1.00
25.4
M
0.69
17.5
N
0.39
10.0
P
M10 Metric
M10
Q
0.26 Dia.
6.5 Dia.
R
0.24
6.0
S
0.12
3.0
T
.110 x .032
2.5 x 0.8
Note: Dimensions are for reference only.
Description:
Powerex Dual SCR/Diode Modules are
designed for use in applications
requiring phase control and isolated
packaging. The modules are isolated
for easy mounting with other
components on a common heatsink.
POW-R-BLOK
TM has been tested and
recognized by the Underwriters
Laboratories.
Features:
 Electrically Isolated Heatsinking
 Aluminum Nitride Isolator
 Compression Bonded Elements
 Metal Baseplate
 Low Thermal Impedance
for Improved Current Capability
 UL Recognized
Benefits:
 No Additional Insulation
Components Required
 Easy Installation
 No Clamping Components
Required
 Reduce Engineering Time
Applications:
 Bridge Circuits
 AC & DC Motor Drives
 Battery Supplies
 Power Supplies
 Large IGBT Circuit Front Ends
J
F
C
B
A
R
L
H
Q - DIA. (4 TYP.)
P - M10 THD (3 TYP.)
K
D
G
M
N
S
E
T - (2 TYP.)
1
2
3
OUTLINE DRAWING
4
5
CONNECTION DIAGRAM
1
2
4
5
3


Número de pieza similar - LD422243

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Powerex Power Semicondu...
LD422243 POWEREX-LD422243 Datasheet
97Kb / 4P
   POW-R-BLOK Dual SCR/Diode Isolated Module (430 Amperes / Up to 2200 Volts)
More results

Descripción similar - LD422243

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Powerex Power Semicondu...
ND470625 POWEREX-ND470625_12 Datasheet
142Kb / 5P
   Dual SCR/Diode Isolated Module
CD420890B POWEREX-CD420890B Datasheet
120Kb / 4P
   Dual SCR/Diode Isolated Module
ND420821 POWEREX-ND420821 Datasheet
140Kb / 4P
   Dual SCR/Diode Isolated Module
PD421207 POWEREX-PD421207_12 Datasheet
376Kb / 5P
   Dual SCR / Diode Isolated Module
ND420625 POWEREX-ND420625_12 Datasheet
144Kb / 5P
   Dual SCR/Diode Isolated Module
CD620815B POWEREX-CD620815B Datasheet
115Kb / 4P
   Dual SCR/Diode Isolated Module
CD420890C POWEREX-CD420890C Datasheet
461Kb / 4P
   Dual SCR/Diode Isolated Module
CD630815B POWEREX-CD630815B Datasheet
113Kb / 4P
   Dual SCR Isolated Module
ND430625 POWEREX-ND430625_12 Datasheet
144Kb / 5P
   Dual SCR Isolated Module
CD430890B POWEREX-CD430890B Datasheet
308Kb / 4P
   Dual SCR Isolated Module
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com