Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ND421221 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

No. de Pieza. ND421221
Descripción  Dual SCR/Diode Isolated Module
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  POWEREX [Powerex Power Semiconductors]
Página de inicio  http://www.pwrx.com
Logo 

ND421221 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
www.pwrx.com
Dual SCR/Diode Isolated Module
210 Amperes / Up to 2000 Volts
Revision Date: 05/17/2010
ND42__21
Electrical Characteristics, TJ=25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Max.
Units
Repetitive Peak Forward Leakage Current
IDRM
Up to 2000V, TJ=130°C
50
mA
Repetitive Peak Reverse Leakage Current
IRRM
Up to 2000V, TJ=130°C
50
mA
Peak On-State Voltage
VFM
ITM=625A
1.40
V
Threshold Voltage, Low-level
Slope Resistance, Low-level
V(TO)1
rT1
TJ = 130°C, I = 15%IT(AV) to πIT(AV)
0.813
0.810
V
mΩ
Threshold Voltage, High-level
Slope Resistance, High-level
V(TO)2
rT2
TJ = 130°C, I = πIT(AV) to ITSM
0.947
0.641
V
mΩ
VTM Coefficients, Full Range
TJ = 130°C, I = 15%IT(AV) to ITSM
VTM = A+ B Ln I +C I + D Sqrt I
A =
B =
C =
D =
0.7324
9.80 E-3
5.83 E-4
6.02 E-3
Minimum dV/dt
dV/dt
Exponential to 2/3 VDRM
Tj=130°C, Gate Open
500
V/µs
Turn-On Time (Typical)
ton
ITM = 100A, VD = 100V
7
(Typical)
µs
Turn-Off Time (Typical)
t off
TJ = 130°C, IT= 250A
Re-Applied dV/dt = 20V/µs
Linear to 0.8 VDRM
150
(Typical)
µs
Gate Trigger Current
IGT
Tj=25°C, VD=12V
150
mA
Gate Trigger Voltage
VGT
Tj=25°C, VD=12V
3.0
Volts
Non-Triggering Gate Voltage
VGDM
Tj=130°C, VD= ½ VDRM
0.15
Volts
Thermal Characteristics
Characteristics
Symbol
Max.
Units
Thermal Resistance, Junction to Case
RΘJ-C
Per Module, both conducting
Per Junction both conducting
0.07
0.14
°C/W
°C/W
Thermal Impedance Coefficients
ZΘJ-C
ZΘJ-C= K1 (1-exp(-t/τ1))
+ K2 (1-exp(-t/τ2))
+ K3 (1-exp(-t/τ3))
+ K4 (1-exp(-t/τ4))
K1 = 5.27E-3
K2 = 1.17E-2
K3 = 5.26E-2
K4 = 6.97E-2
τ1 = 1.69E-4
τ2 = 2.07E-2
τ3 = 2.37E-1
τ4 = 2.46
Thermal Resistance, Case to Sink Lubricated
RΘC-S
Per Module
0.03
°C/W


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn