Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ND421221 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

No. de Pieza. ND421221
Descripción  Dual SCR/Diode Isolated Module
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  POWEREX [Powerex Power Semiconductors]
Página de inicio  http://www.pwrx.com
Logo 

ND421221 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
www.pwrx.com
Dual SCR/Diode Isolated Module
210 Amperes / Up to 2000 Volts
Revision Date: 05/17/2010
ND42__21
M
K
G
A
B
N
R
V
T - M8 THD. (3 TYP.)
U - DIA. (4 TYP.)
OUTLINE DRAWING
A
K
AK
J
C
S
P
Q
F
H
W
L
D E
G2
K2
W
G1
K1
ND42 Outline Dimensions
Dimension
Inches
Millimeters
A
4.57
116
B
3.66
93
C
3.15
80.0
D
2.17
55.1
E
2.06
52.3
F
2.07
52.0
G
1.97
50.0
H
1.90
48.3
J
1.50
38.1
K
1.38
35.0
L
1.26
32.0
M
1.122
28.5
N
.71
18.0
P
.57
14.5
Q
.625
15.9
R
.394
10.00
S
.350
8.9
T
M8 Metric
M8
U
.250 Dia.
6.35 Dia.
V
.110 x .032
2.8 x 0.8
W
.12
3.0
Note: Dimensions are for reference only.
ND42__21
Dual SCR/Diode Isolated
POW-R-BLOK
TM Module
210 Amperes / Up to 2000 Volts
Ordering Information
:
Select the complete eight digit
module part number from the table
below.
Example: ND422021 is a 2000Volt,
210 Ampere Dual SCR Isolated
POW-R-BLOK
TM Module
Type
Voltage
Volts
(x100)
Current
Amperes
(x 10)
ND42
08
10
12
14
16
18
20
21
Description:
Powerex Dual SCR/Diode Modules are
designed for use in applications
requiring phase control and isolated
packaging. The modules are isolated
for easy mounting with other
components on a common heatsink.
POW-R-BLOK
TM has been tested and
recognized by the Underwriters
Laboratories.
Features:
Electrically Isolated Heatsinking
Aluminum Nitride Insulator
Compression Bonded Elements
Metal Baseplate
Low Thermal Impedance
for Improved Current Capability
Quick Connect Gate Terminal
with Provision for Keyed Mating
Plug
UL Recognized (E78240)
Benefits:
No Additional Insulation
Components Required
Easy Installation
No Clamping Components
Required
Reduce Engineering Time
Applications:
Bridge Circuits
AC & DC Motor Drives
Battery Supplies
Power Supplies
Large IGBT Circuit Front Ends
CONNECTION DIAGRAM
A
G1
K1
K
AK
SCR 1
DIODE 2


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn