Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTL2R3TBQ3KZP Datasheet(PDF) 6 Page - Lite-On Technology Corporation

No. de pieza LTL2R3TBQ3KZP
Descripción Electrónicos  Through Hole Lamp
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITEON [Lite-On Technology Corporation]
Página de inicio  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL2R3TBQ3KZP Datasheet(HTML) 6 Page - Lite-On Technology Corporation

  LTL2R3TBQ3KZP Datasheet HTML 1Page - Lite-On Technology Corporation LTL2R3TBQ3KZP Datasheet HTML 2Page - Lite-On Technology Corporation LTL2R3TBQ3KZP Datasheet HTML 3Page - Lite-On Technology Corporation LTL2R3TBQ3KZP Datasheet HTML 4Page - Lite-On Technology Corporation LTL2R3TBQ3KZP Datasheet HTML 5Page - Lite-On Technology Corporation LTL2R3TBQ3KZP Datasheet HTML 6Page - Lite-On Technology Corporation LTL2R3TBQ3KZP Datasheet HTML 7Page - Lite-On Technology Corporation LTL2R3TBQ3KZP Datasheet HTML 8Page - Lite-On Technology Corporation LTL2R3TBQ3KZP Datasheet HTML 9Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
5/8
Part No. : LTL2R3TBQ3KZP
BNS-OD-FC002/A4
Through Hole Lamp
LTL2R3TBQ3KZP
7. Bin Table Specification
Luminous Intensity
Unit : mcd @20mA
Bin Code
Min.
Max.
Q
1150
1500
R
1500
1900
S
1900
2500
T
2500
3500
Note: Tolerance of each bin limit is ±15%
Dominant Wavelength
Unit : nm @20mA
Bin Code
Min
Max
B07
460.0
465.0
B08
465.0
470.0
B09
470.0
475.0
Note: Tolerance of each bin limit is ±1nm


Número de pieza similar - LTL2R3TBQ3KZP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lite-On Technology Corp...
LTL2R3TBQ3KZ-002A LITEON-LTL2R3TBQ3KZ-002A Datasheet
1Mb / 10P
   Through Hole Lamp
LTL2R3TBQ3KZ-032A LITEON-LTL2R3TBQ3KZ-032A Datasheet
407Kb / 11P
   Through Hole Lamp
More results

Descripción similar - LTL2R3TBQ3KZP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lite-On Technology Corp...
LTL-433G LITEON-LTL-433G Datasheet
431Kb / 5P
   Through Hole Lamp
LTL-433G-012A LITEON-LTL-433G-012A Datasheet
456Kb / 6P
   Through Hole Lamp
LTL-709Y LITEON-LTL-709Y Datasheet
415Kb / 5P
   Through Hole Lamp
LTL793RQ3KJP1 LITEON-LTL793RQ3KJP1 Datasheet
548Kb / 10P
   Through Hole Lamp
LTL-816GE-004A LITEON-LTL-816GE-004A Datasheet
1Mb / 12P
   Through Hole Lamp
LTW-42NDP3ZT-0D2A LITEON-LTW-42NDP3ZT-0D2A Datasheet
424Kb / 12P
   Through Hole Lamp
LTW-42NDP4H61 LITEON-LTW-42NDP4H61 Datasheet
478Kb / 10P
   Through Hole Lamp
LTW-42NDQ9H184 LITEON-LTW-42NDQ9H184 Datasheet
667Kb / 11P
   Through Hole Lamp
LTW-87HD4B-032A LITEON-LTW-87HD4B-032A Datasheet
445Kb / 11P
   Through Hole Lamp
LTW-420C5 LITEON-LTW-420C5 Datasheet
458Kb / 9P
   Through Hole Lamp
LTW-1KHDS5Z LITEON-LTW-1KHDS5Z Datasheet
487Kb / 10P
   Through Hole Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com