Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTL2R3TBQ3KZP Datasheet(PDF) 2 Page - Lite-On Technology Corporation

No. de pieza LTL2R3TBQ3KZP
Descripción Electrónicos  Through Hole Lamp
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITEON [Lite-On Technology Corporation]
Página de inicio  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL2R3TBQ3KZP Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTL2R3TBQ3KZP Datasheet HTML 1Page - Lite-On Technology Corporation LTL2R3TBQ3KZP Datasheet HTML 2Page - Lite-On Technology Corporation LTL2R3TBQ3KZP Datasheet HTML 3Page - Lite-On Technology Corporation LTL2R3TBQ3KZP Datasheet HTML 4Page - Lite-On Technology Corporation LTL2R3TBQ3KZP Datasheet HTML 5Page - Lite-On Technology Corporation LTL2R3TBQ3KZP Datasheet HTML 6Page - Lite-On Technology Corporation LTL2R3TBQ3KZP Datasheet HTML 7Page - Lite-On Technology Corporation LTL2R3TBQ3KZP Datasheet HTML 8Page - Lite-On Technology Corporation LTL2R3TBQ3KZP Datasheet HTML 9Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1/8
Part No. : LTL2R3TBQ3KZP
BNS-OD-FC002/A4
Through Hole Lamp
LTL2R3TBQ3KZP
1. Description
Through-hole LEDs are offered in a variety of packages such as 3mm, 4mm, 5mm, rectangular, and cylinder which are suitable
for all applications requiring status indication. Several intensity and viewing angle choices are available in each color for design
flexibility.
1. 1. Features
Low power consumption & High efficiency
Lead free & RoHS Compliant
Popular T-1¾
diameter
Blue InGaN 470nm Lamp & Water clear lens
ESD protected
LED Lead frame has cutting
1.2. Applications
Communication
Computer
Consumer
Home appliance
2. Outline Dimensions
Notes :
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm (.010") unless otherwise noted.
3. Protruded resin under flange is 1.0mm (.04") max.
4. Lead spacing is measured where the leads emerge from the package.
5.
Specifications are subject to change without notice.


Número de pieza similar - LTL2R3TBQ3KZP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lite-On Technology Corp...
LTL2R3TBQ3KZ-002A LITEON-LTL2R3TBQ3KZ-002A Datasheet
1Mb / 10P
   Through Hole Lamp
LTL2R3TBQ3KZ-032A LITEON-LTL2R3TBQ3KZ-032A Datasheet
407Kb / 11P
   Through Hole Lamp
More results

Descripción similar - LTL2R3TBQ3KZP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lite-On Technology Corp...
LTL-433G LITEON-LTL-433G Datasheet
431Kb / 5P
   Through Hole Lamp
LTL-433G-012A LITEON-LTL-433G-012A Datasheet
456Kb / 6P
   Through Hole Lamp
LTL-709Y LITEON-LTL-709Y Datasheet
415Kb / 5P
   Through Hole Lamp
LTL793RQ3KJP1 LITEON-LTL793RQ3KJP1 Datasheet
548Kb / 10P
   Through Hole Lamp
LTL-816GE-004A LITEON-LTL-816GE-004A Datasheet
1Mb / 12P
   Through Hole Lamp
LTW-42NDP3ZT-0D2A LITEON-LTW-42NDP3ZT-0D2A Datasheet
424Kb / 12P
   Through Hole Lamp
LTW-42NDP4H61 LITEON-LTW-42NDP4H61 Datasheet
478Kb / 10P
   Through Hole Lamp
LTW-42NDQ9H184 LITEON-LTW-42NDQ9H184 Datasheet
667Kb / 11P
   Through Hole Lamp
LTW-87HD4B-032A LITEON-LTW-87HD4B-032A Datasheet
445Kb / 11P
   Through Hole Lamp
LTW-420C5 LITEON-LTW-420C5 Datasheet
458Kb / 9P
   Through Hole Lamp
LTW-1KHDS5Z LITEON-LTW-1KHDS5Z Datasheet
487Kb / 10P
   Through Hole Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com