Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BZT52B3V0LS Datasheet(PDF) 1 Page - Micro Commercial Components

No. de pieza BZT52B3V0LS
Descripción Electrónicos  200 mW Zener Diode 2.4~75 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCC [Micro Commercial Components]
Página de inicio  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BZT52B3V0LS Datasheet(HTML) 1 Page - Micro Commercial Components

  BZT52B3V0LS Datasheet HTML 1Page - Micro Commercial Components BZT52B3V0LS Datasheet HTML 2Page - Micro Commercial Components BZT52B3V0LS Datasheet HTML 3Page - Micro Commercial Components BZT52B3V0LS Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BZT52
B
2V4LS
THRU
BZT52B75LS
200 mW
Zener Diode
2.4~75 Volts
Features
200mW Power Dissipation
General Purpose Medium Current
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
PD
Pow
di
er
ssipation
200
mW
TJ
Junction Temperature
-55 to +150
TSTG
Storage Temperature Range
-55 to +150
www.mccsemi.com
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
Revision: C
1 of
4
2017/08/04
0.022”
0.074"
0.027”
SUGGESTED SOLDER
PAD LAYOUT
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
Lead Free Finish/RoHS Compliant("P" Suffix
designates RoHS Compliant. See ordering information)
Halogen free available upon request by adding suffix "-HF"
SOD
-323FL
Micro Commercial Components
M C C
R
A
B
E
C
D
H
G
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.090
.107
2.30
2.70
B
.063
.
078
1.60
1.95
C
.045
.053
1.15
1.35
D
.0
24
.
035
0.
60
0.90
E
.010
.016
0.25
0.40
G
.0
16
0.
40
H
.00
2
.0
08
0.
05
0.2
1


Número de pieza similar - BZT52B3V0LS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Galaxy Semi-Conductor H...
BZT52B3V0L BILIN-BZT52B3V0L Datasheet
267Kb / 4P
   Zener Diode
More results

Descripción similar - BZT52B3V0LS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
1N5221 MCC-1N5221_11 Datasheet
477Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
DL5221 MCC-DL5221_11 Datasheet
632Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
1N5221B MCC-1N5221B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
BZT52B2V4 MCC-BZT52B2V4 Datasheet
303Kb / 3P
   410 mW Zener Diode 2.4 to 75 Volts
DL5221B MCC-DL5221B Datasheet
593Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
MCL5221 MCC-MCL5221 Datasheet
120Kb / 3P
   500 mW Zener Diode 2.4 to 75 Volts
DL5232B-TP MCC-DL5232B-TP Datasheet
632Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
DL5227B-TP MCC-DL5227B-TP Datasheet
632Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
DZ23C2V4 MCC-DZ23C2V4_09 Datasheet
131Kb / 4P
   300 mW Zener Diode 2.4 to 75 Volts
1N5221 MCC-1N5221_09 Datasheet
393Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com