Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

BZT52C2V4 Datasheet(PDF) 2 Page - Micro Commercial Components

No. de Pieza. BZT52C2V4
Descripción  500 mW Zener Diode 2.4 to 51 Volts
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MCC [Micro Commercial Components]
Página de inicio  http://www.mccsemi.com
Logo 

BZT52C2V4 Datasheet(HTML) 2 Page - Micro Commercial Components

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS @25 C
ZENER VOLTAGE
VZ
(1)
VOLTS
Maximum Zener
Impedance
(2)
ZZT(OHMS)
Maximum Zener
Impedance
(2)
ZZK (OHMS)
REVERSE
CURRENT
IR (Max) @
VR
Typical
Temperature
Coefficent
@ IZTC
Type
Min.
Nom
Max.
IZT(mA)
Max.
IZK(mA)
Max.
µA
V
mV/
Marking
BZT52C2V4
2.28
2.4
2.56
5
100
1.0
600
50
1.0
-3.5
0
WX
BZT52C2V7
2.5
2.7
2.9
5
100
1.0
600
20
1.0
-3.5
0
W1
BZT52C3V0
2.8
3.0
3.2
5
95
1.0
600
10
1.0
-3.5
0
W2
BZT52C3V3
3.1
3.3
3.5
5
95
1.0
600
5
1.0
-3.5
0
W3
BZT52C3V6
3.4
3.6
3.8
5
90
1.0
600
5
1.0
-3.5
0
W4
BZT52C3V9
3.7
3.9
4.1
5
90
1.0
600
3
1.0
-3.5
0
W5
BZT52C4V3
4.0
4.3
4.6
5
90
1.0
600
3
1.0
-3.5
0
W6
BZT52C4V7
4.4
4.7
5.0
5
80
1.0
500
3
2.0
-3.5
0.2
W7
BZT52C5V1
4.8
5.1
5.4
5
60
1.0
480
2
2.0
-2.7
1.2
W8
BZT52C5V6
5.2
5.6
6.0
5
40
1.0
400
1
2.0
-2.0
2.5
W9
BZT52C6V2
5.8
6.2
6.6
5
10
1.0
150
3
4.0
0.4
3.7
WA
BZT52C6V8
6.4
6.8
7.2
5
15
1.0
80
2
4.0
1.2
4.5
WB
BZT52C7V5
7.0
7.5
7.9
5
15
1.0
80
1
5.0
2.5
5.3
WC
BZT52C8V2
7.7
8.2
8.7
5
15
1.0
80
0.7
5.0
3.2
6.2
WD
BZT52C9V1
8.5
9.1
9.6
5
15
1.0
100
0.5
6.0
3.8
7.0
WE
BZT52C10
9.4
10
10.6
5
20
1.0
150
0.2
7.0
4.5
8.0
WF
BZT52C11
10.4
11
11.6
5
20
1.0
150
0.1
8.0
5.4
9.0
WG
BZT52C12
11.4
12
12.7
5
25
1.0
150
0.1
8.0
6.0
10.0
WH
BZT52C13
12.4
13
14.1
5
30
1.0
170
0.1
8.0
7.0
11.0
WI
BZT52C15
13.8
15
15.6
5
30
1.0
200
0.1
10.5
9.2
13.0
WJ
BZT52C16
15.3
16
17.1
5
40
1.0
200
0.1
11.2
10.4
14.0
WK
BZT52C18
16.8
18
19.1
5
45
1.0
225
0.1
12.6
12.4
16.0
WL
BZT52C20
18.8
20
21.2
5
55
1.0
225
0.1
14.0
14.4
18.0
WM
BZT52C22
20.8
22
23.3
5
55
1.0
250
0.1
15.4
16.4
20.0
WN
BZT52C24
22.8
24
25.6
5
70
1.0
250
0.1
16.8
18.4
22.0
WO
BZT52C27
25.1
27
28.9
2
80
0.5
300
0.1
18.9
21.4
25.3
WP
BZT52C30
28
30
32
2
80
0.5
300
0.1
21.0
24.4
29.4
WQ
BZT52C33
31
33
35
2
80
0.5
325
0.1
23.1
27.4
33.4
WR
BZT52C36
34
36
38
2
90
0.5
350
0.1
25.2
30.4
37.4
WS
BZT52C39
37
39
41
2
130
0.5
350
0.1
27.3
33.4
41.2
WT
Revision: C
2013/10/07
MCC
TM
Micro Commercial Components
(1) Device mounted on ceramic PCB: 7.6mm x 9.4mm x 0.87mm with pad areas 25 mm
2
(2) f=1KHz
10
100
1000
10
100
1
V , NOMINAL ZENER VOLTAGE (V)
Fig. 1 Total Capacitance vs Nominal Zener Voltage
Z
T = 25 °C
f = 1MHz
j
V= 1V
R
V= 2V
R
V= 1V
R
V= 2V
R
BZT52C2V4 THRU BZT52C51
www.mccsemi.com
2 of 4
WU
BZT52C43
40
43
46
5
100
1.0
700
0.1
32.0
10.0
12.0
WV
BZT52C47
44
47
50
5
100
1.0
750
0.1
35.0
10.0
12.0
WW
BZT52C51
48
51
54
5
100
1.0
750
0.1
38.0
10.0
12.0


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn