Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

BZT52B12 Datasheet(PDF) 2 Page - Micro Commercial Components

No. de Pieza. BZT52B12
Descripción  410 mW Zener Diode 2.4 to 75 Volts
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MCC [Micro Commercial Components]
Página de inicio  http://www.mccsemi.com
Logo 

BZT52B12 Datasheet(HTML) 2 Page - Micro Commercial Components

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ZENER VOLTAGE
(1)
Vz
VOLTS
Maximum Zener
(2)
Impedance
ZZT(OHMS)
Maximum Zener
(2)
Impedance
ZZK(OHMS)
REVERSE
CURRENT
IR(Max)@VR
Type
Min.
Nom.
Max.
IZT(mA)
Max.
IZK(mA)
Max.
µA
V
Marking
BZT52B4V3
4.21
4.3
4.39
5
95
1
600
5
1.0
W7/2W6
BZT52B4V7
4.61
4.7
4.79
5
78
1
500
5
2.0
W8/2W7
BZT52B5V1
5.0
5.1
5.2
5
60
1
480
0.1
0.8
BZT52B5V6
5.49
5.6
5.71
5
40
1
400
0.1
1.0
WA/2W9
BZT52B6V2
6.08
6.2
6.32
5
10
1
150
0.1
2.0
WB/2WA
BZT52B6V8
6.66
6.8
6.94
5
8
1
80
0.1
3.0
WC/2WB
BZT52B7V5
7.35
7.5
7.65
5
7
1
80
0.1
5.0
WD/2WC
BZT52B8V2
8.04
8.2
8.36
5
7
1
80
0.1
6.0
WE/2WD
BZT52B9V1
8.92
9.1
9.28
5
10
1
100
0.1
7.0
WF/2WE
BZT52B10
9.8
0
10
10.2
5
15
1
150
0.1
7.5
WG/2WF
BZT52B11
10.78
11
11.22
5
20
1
150
0.1
8.5
WH/2WG
BZT52B12
11.76
12
12.24
5
20
1
150
0.1
9.0
WI/2WH
BZT52B13
12.74
13
13.3
5
25
1
170
0.1
10.0
WK/2WI
BZT52B15
14.7
15
15.3
5
30
1
200
0.1
11.0
WL/2WJ
BZT52B16
15.68
16
16.3
5
40
1
200
0.1
12.0
WM/2WK
BZT52B18
17.6
18
18.4
5
50
1
225
0.1
14.0
WN/2WL
BZT52B20
19.6
20
20.4
5
50
1
225
0.1
15.0
WO/2WM
BZT52B22
21.56
22
22.44
5
55
1
250
0.1
17.0
WP/2WN
BZT52B24
23.52
24
24.5
5
70
1
250
0.1
18.0
WR/2WO
BZT52B27
26.46
27
27.54
2
80
1
300
0.1
20.0
WS/2WP
BZT52B30
29.4
30
30.6
2
80
1
300
0.1
22.5
WT/2WQ
BZT52B33
32.34
33
33.7
2
80
1
325
0.1
25.0
WU/2WR
BZT52B36
35.28
36
36.72
2
90
1
350
0.1
27.0
WW/2WS
BZT52B39
38.22
39
39.8
2
90
1
350
0.1
29.0
WX/2WT
BZT52B2V4 THRU BZT52B75
Electrical Characteristics@25OC
BZT52B2V4
2.35
2.4
2.4
5
5
85
1
600
100
1.0
W1/2WX
BZT52B2V7
2.64
2.7
2.7
5
5
83
1
600
75
1.0
W2/2W1
BZT52B3V0
2.94
3.0
3.06
5
95
1
600
50
1.0
W3/2W2
BZT52B3V3
3.23
3.3
3.37
5
95
1
600
25
1.0
W4/2W3
BZT52B3V6
3.52
3.6
3.67
5
95
1
600
15
1.0
W5/2W4
BZT52B3V9
3.82
3.9
3.98
5
95
1
600
10
1.0
W6/2W5
(1) Device mounted on ceramic PCB: 7.6mm x 9.4mm x 0.87mm with pad areas 25 mm
2
(2) f=1KHz
BZT52B43
42.14
43
43.86
2
100
1
375
0.1
32.0
WY
/2WU
BZT52B47
46.06
47
47.94
2
100
1
375
0.1
35.0
WZ
/2WV
BZT52B51
49.98
51
52.02
2
100
1
400
0.1
38.0
XA
/2X1
BZT52B56
54.88
56
57.12
2
135
1
1000
0.1
42.0
X2
/2X2
BZT52B62
60.76
62
63.24
2
150
1
1000
0.1
46.0
X3
/2X3
BZT52B68
66.64
68
69.36
2
200
1
1000
0.1
51.0
X4
/2X4
BZT52B75
73.50
75
76.50
2
250
1
1000
0.1
56.0
X5
/2X5
Revision: F
2017/11/22
www.mccsemi.com
2 of 3
W9/2W8
Micro Commercial Components
M C C
R


Html Pages

1  2  3 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn