Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PE7018-6 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

No. de Pieza. PE7018-6
Descripción  6 dB Fixed Attenuator, SMA Male to SMA Female Black Anodized Aluminum Heatsink Body
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PASTERNACK [Pasternack Enterprises, Inc.]
Página de inicio  http://www.pasternack.com/
Logo 

PE7018-6 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Mechanical Specifications
Size
Length
3.79 in [96.27 mm]
Width/Diameter
2.65 in [67.31 mm]
Height
2.65 in [67.31 mm]
.
Weight
1.12 lbs [508.02 g]
Body Material and Plating
Black Anodized Aluminum Heatsink
Configuration
Design
Fixed, Bidirectional
Package Style
Connectorized Module
Connectors
Description
Connector 1
Connector 2
Type
SMAMale
SMAFemale
Connector Specification
MIL-STD-348
MIL-STD-348
Contact Material and Plating
Beryllium Copper, Gold
Beryllium Copper, Gold
Hex Size
5/16 inch
Torque
8 in-lbs 0.9 Nm
Body Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
.
Environmental Specifications
Temperature
Operating Range
-65 to +125 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Plotted and Other Data
Notes:
6 dB Fixed Attenuator, SMA Male to SMA Female Black Anodized Aluminum Heatsink Body Rated to 25 Watts Up to 18 GHz
from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 6 dB Fixed Attenuator, SMA Male to SMA Female Black Anodized Aluminum Heatsink Body Rated
to 25 Watts Up to 18 GHz
PE7018-6
URL:
http://www.pasternack.com/6db-fixed-sma-female-sma-male-25-watts-attenuator-pe7018-6-p.aspx
PE7018-6 REV 1.2
RF Fixed Attenuators Technical Data Sheet
PE7018-6
6 dB Fixed Attenuator, SMA Male to SMA Female Black Anodized
Aluminum Heatsink Body Rated to 25 Watts Up to 18 GHz


Html Pages

1  2  3 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn