Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PE7025-2 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

No. de Pieza. PE7025-2
Descripción  2 dB Fixed Attenuator, BNC Male to BNC Female Black Anodized Aluminum Heatsink Body
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PASTERNACK [Pasternack Enterprises, Inc.]
Página de inicio  http://www.pasternack.com/
Logo 

PE7025-2 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Features
• Bidirectional
• DC to 2 GHz Frequency Range
• Attenuation 2±1 dB
• Max Power 10 Watts (CW)
• VSWR < 1.6:1
Applications
• Instrumentation
• Precision measurements
• Prototyping and characterization
• Production systems
.
Description
Pasternack carries a wide range of fixed attenuators with a broad selection of attenuation levels, frequency ranges, and power
dissipation ranges. RF microwave attenuators (also known as RF pads) lower the amplitude of a signal (attenuate) a known
amount and can be used in a wide variety of applications. These attenuator pads are used when a signal needs to be reduced
to protect measurement equipment or other circuitry, to extend the range of power meters and amplifiers, and to impedance
match circuits by reducing the VSWR seen by adjacent components. RF attenuators can prevent signal overload in amplifiers,
receivers and detectors, adjusting the signal level to a range that is optimal.
Few RF components are as commonly used as fixed coaxial attenuators, and Pasternack carries one of the largest in-stock
varieties and ships them same day. The 2 dB Fixed Attenuator PE7025-2 is rated to 10 Watts and operates from DC to 2 GHz.
The versatile coaxial package uses BNC male to BNC female connectors and is also REACH and RoHS compliant. The Black
Anodized Aluminum Heatsink body allows for efficient heat dissipation under high power usage conditions.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
2
GHz
Impedance
50
Ohms
Nominal Attenuation
2
dB
VSWR
1.6:1
Input Power, CW
10
Watts
d
erated linearly to 2W at +125°C
Input Power, Peak
500
Watts
5µs pulse, 0.05% duty cycle
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2 dB Fixed Attenuator, BNC Male to BNC Female Black Anodized Aluminum Heatsink Body
Rated to 10 Watts Up to 2 GHz
PE7025-2
PE7025-2 REV 1.1
2 dB Fixed Attenuator, BNC Male to BNC Female Black Anodized
Aluminum Heatsink Body Rated to 10 Watts Up to 2 GHz
RF Fixed Attenuators Technical Data Sheet
PE7025-2


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn