Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PE7025-2 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

No. de pieza PE7025-2
Descripción Electrónicos  2 dB Fixed Attenuator, BNC Male to BNC Female Black Anodized Aluminum Heatsink Body
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PASTERNACK [Pasternack Enterprises, Inc.]
Página de inicio  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7025-2 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE7025-2 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7025-2 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7025-2 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE7025-2 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
2 dB Fixed Attenuator, BNC Male to BNC Female Black Anodized Aluminum Heatsink Body Rated to 10 Watts Up to 2 GHz
from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2 dB Fixed Attenuator, BNC Male to BNC Female Black Anodized Aluminum Heatsink Body Rated
to 10 Watts Up to 2 GHz
PE7025-2
URL:
http://www.pasternack.com/2db-fixed-bnc-female-bnc-male-10-watts-attenuator-pe7025-2-p.aspx
PE7025-2 REV 1.1
RF Fixed Attenuators Technical Data Sheet
PE7025-2
2 dB Fixed Attenuator, BNC Male to BNC Female Black Anodized
Aluminum Heatsink Body Rated to 10 Watts Up to 2 GHz


Número de pieza similar - PE7025-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE7025-2 PASTERNACK-PE7025-2 Datasheet
221Kb / 3P
   2 dB Fixed Attenuator, BNC Male To BNC Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 2 GHz
PE7025-20 PASTERNACK-PE7025-20 Datasheet
221Kb / 3P
   20 dB Fixed Attenuator, BNC Male To BNC Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 2 GHz
PE7025-20 PASTERNACK-PE7025-20 Datasheet
242Kb / 4P
   20 dB Fixed Attenuator, BNC Male to BNC Female Black Anodized Aluminum Heatsink Body
PE7025-20 PASTERNACK-PE7025-20_16 Datasheet
242Kb / 4P
   20 dB Fixed Attenuator, BNC Male to BNC Female Black Anodized Aluminum Heatsink Body
More results

Descripción similar - PE7025-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE7025-20 PASTERNACK-PE7025-20_16 Datasheet
242Kb / 4P
   20 dB Fixed Attenuator, BNC Male to BNC Female Black Anodized Aluminum Heatsink Body
PE7025-30 PASTERNACK-PE7025-30_16 Datasheet
242Kb / 4P
   30 dB Fixed Attenuator, BNC Male to BNC Female Black Anodized Aluminum Heatsink Body
PE7025-40 PASTERNACK-PE7025-40_16 Datasheet
241Kb / 4P
   40 dB Fixed Attenuator, BNC Male to BNC Female Black Anodized Aluminum Heatsink Body
PE7025-3 PASTERNACK-PE7025-3_16 Datasheet
242Kb / 4P
   3 dB Fixed Attenuator, BNC Male to BNC Female Black Anodized Aluminum Heatsink Body
PE7025-6 PASTERNACK-PE7025-6_16 Datasheet
242Kb / 4P
   6 dB Fixed Attenuator, BNC Male to BNC Female Black Anodized Aluminum Heatsink Body
PE7025-10 PASTERNACK-PE7025-10_16 Datasheet
242Kb / 4P
   10 dB Fixed Attenuator, BNC Male to BNC Female Black Anodized Aluminum Heatsink Body
PE7025-2 PASTERNACK-PE7025-2 Datasheet
221Kb / 3P
   2 dB Fixed Attenuator, BNC Male To BNC Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 2 GHz
PE7025-40 PASTERNACK-PE7025-40 Datasheet
220Kb / 3P
   40 dB Fixed Attenuator, BNC Male To BNC Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 2 GHz
PE7025-3 PASTERNACK-PE7025-3 Datasheet
221Kb / 3P
   3 dB Fixed Attenuator, BNC Male To BNC Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 2 GHz
PE7025-10 PASTERNACK-PE7025-10 Datasheet
221Kb / 3P
   10 dB Fixed Attenuator, BNC Male To BNC Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 2 GHz
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com