Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8001AR-REEL7 Datasheet(PDF) 3 Page - Analog Devices

No. de pieza AD8001AR-REEL7
Descripción Electrónicos  Current Feedback Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8001AR-REEL7 Datasheet(HTML) 3 Page - Analog Devices

  AD8001AR-REEL7 Datasheet HTML 1Page - Analog Devices AD8001AR-REEL7 Datasheet HTML 2Page - Analog Devices AD8001AR-REEL7 Datasheet HTML 3Page - Analog Devices AD8001AR-REEL7 Datasheet HTML 4Page - Analog Devices AD8001AR-REEL7 Datasheet HTML 5Page - Analog Devices AD8001AR-REEL7 Datasheet HTML 6Page - Analog Devices AD8001AR-REEL7 Datasheet HTML 7Page - Analog Devices AD8001AR-REEL7 Datasheet HTML 8Page - Analog Devices AD8001AR-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
REV. D
–2–
AD8001–SPECIFICATIONS (@ T
A = + 25 C, VS =
5 V, RL = 100
, unless otherwise noted.)
AD8001A
Model
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Small Signal Bandwidth,
N Package
G = +2, < 0.1 dB Peaking, RF = 750
350
440
MHz
G= +1, < 1 dB Peaking, RF = 1 k
650
880
MHz
R Package
G = +2, < 0.1 dB Peaking, RF = 681
350
440
MHz
G= +1, < 0.1 dB Peaking, RF = 845
575
715
MHz
RT Package
G = +2, < 0.1 dB Peaking, RF = 768
300
380
MHz
G= +1, < 0.1 dB Peaking, RF = 1 k
575
795
MHz
Bandwidth for 0.1 dB Flatness
N Package
G = +2, RF = 750
85
110
MHz
R Package
G = +2, RF = 681
100
125
MHz
RT Package
G = +2, RF = 768
120
145
MHz
Slew Rate
G = +2, VO = 2 V Step
800
1000
V/
µs
G = –1, VO = 2 V Step
960
1200
V/
µs
Settling Time to 0.1%
G = –1, VO = 2 V Step
10
ns
Rise and Fall Time
G = +2, VO = 2 V Step, RF = 649
1.4
ns
NOISE/HARMONIC PERFORMANCE
Total Harmonic Distortion
fC = 5 MHz, VO = 2 V p-p
–65
dBc
G = +2, RL = 100
Input Voltage Noise
f = 10 kHz
2.0
nV/
√Hz
Input Current Noise
f = 10 kHz, +In
2.0
pA/
√Hz
–In
18
pA/
√Hz
Differential Gain Error
NTSC, G = +2, RL = 150
0.01
0.025
%
Differential Phase Error
NTSC, G = +2, RL = 150
0.025
0.04
Degree
Third Order Intercept
f = 10 MHz
33
dBm
1 dB Gain Compression
f = 10 MHz
14
dBm
SFDR
f = 5 MHz
–66
dB
DC PERFORMANCE
Input Offset Voltage
2.0
5.5
mV
TMIN–TMAX
2.0
9.0
mV
Offset Drift
10
µV/°C
–Input Bias Current
5.0
25
±µA
TMIN–TMAX
35
±µA
+Input Bias Current
3.0
6.0
±µA
TMIN–TMAX
10
±µA
Open-Loop Transresistance
VO =
±2.5 V
250
900
k
TMIN–TMAX
175
k
INPUT CHARACTERISTICS
Input Resistance
+Input
10
M
–Input
50
Input Capacitance
+Input
1.5
pF
Input Common-Mode Voltage Range
3.2
±V
Common-Mode Rejection Ratio
Offset Voltage
VCM =
±2.5 V
50
54
dB
–Input Current
VCM =
±2.5 V, T
MIN–TMAX
0.3
1.0
µA/V
+Input Current
VCM =
±2.5 V, T
MIN–TMAX
0.2
0.7
µA/V
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 150
2.7
3.1
±V
Output Current
RL = 37.5
50
70
mA
Short Circuit Current
85
110
mA
POWER SUPPLY
Operating Range
±3.0
±6.0
V
Quiescent Current
TMIN–TMAX
5.0
5.5
mA
Power Supply Rejection Ratio
+VS = +4 V to +6 V, –VS = –5 V
60
75
dB
–VS = – 4 V to – 6 V, +VS = +5 V
50
56
dB
–Input Current
TMIN–TMAX
0.5
2.5
µA/V
+Input Current
TMIN–TMAX
0.1
0.5
µA/V
Specifications subject to change without notice.


Número de pieza similar - AD8001AR-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8001AR-REEL7 AD-AD8001AR-REEL7 Datasheet
222Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8001AR-REEL7 AD-AD8001AR-REEL7 Datasheet
335Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001AR-REEL7 AD-AD8001AR-REEL7 Datasheet
490Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
More results

Descripción similar - AD8001AR-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
   Current Feedback Amplifier
logo
Intersil Corporation
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
   100MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
   200MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223 Datasheet
290Kb / 12P
   100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004 INTERSIL-HA-5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
January 1999
logo
Harris Corporation
HA5004 HARRIS-HA5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL2160C ELANTEC-EL2160C Datasheet
566Kb / 18P
   180MHz Current Feedback Amplifier
logo
Renesas Technology Corp
EL400 RENESAS-EL400 Datasheet
725Kb / 9P
   200MHz Current Feedback Amplifier
Sep 20, 2002
logo
Elantec Semiconductor
EL5192C ELANTEC-EL5192C Datasheet
372Kb / 17P
   600MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2071 INTERSIL-EL2071 Datasheet
405Kb / 11P
   150MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com