Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TA1218F Datasheet(PDF) 6 Page - Toshiba Semiconductor |
|
TA1218F Datasheet(HTML) 6 Page - Toshiba Semiconductor |
6 / 40 page TA1218N/F 2000-09-11 6/40 Pin No. Name Function Interface 5 (47) LinTV This pin is for input a left audio signal from the main demodulator in the TV set. The signal fed into this pin is presented to LoutTV, Lout1, and Lout2. The input dynamic range of this pin is 6.5 Vp-p and the input resistance is 70 k Ω. 6 (48) RinTV This pin is for input a right audio signal from the main demodulator in the TV set. The signal fed into this pin is presented to RoutTV, Rout1, and Rout2. The input dynamic range of this pin is 6.5 Vp-p and the input resistance is 70 k Ω. 7 (2) VinTV This pin is for input a composite audio signal from the main demodulator in the TV set. The signal fed into this pin is presented to Vout1, Vout2, Yout, and Cout. The same signal is also output from Det Select as a sync separation signal. The input dynamic range of this pin is 2.0 Vp-p and the input resistance is 30 k Ω. 8 (3) LinV1 This pin is for input a left audio signal from an external source (V1 channel). This pin can also be used for PIP signal input. The signal fed into this pin is presented to Lout1 and Lout2. The input dynamic range of this pin is 6.5 Vp-p and the input resistance is 70 Ω. <Lout1> 1.5 k Ω 5 <Lout2> 1.5 k Ω <LoutTV> 1.5 k Ω (47) <Rout1> 1.5 k Ω 6 <Rout2> 1.5 k Ω <RoutTV> 1.5 k Ω (48) <Vout1> <Yout> <Cout> 1.5 k Ω 7 <Vout2> 1.5 k Ω <Det Select> 1.5 k Ω (2) <Lout1> 1.5 k Ω 8 <Lout2> 1.5 k Ω (3) |
Número de pieza similar - TA1218F |
|
Descripción similar - TA1218F |