Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC58256AFT Datasheet(PDF) 4 Page - Toshiba Semiconductor

No. de pieza TC58256AFT
Descripción Electrónicos  256-MBIT (32M X 8 BITS) CMOS NAND E2PROM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58256AFT Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC58256AFT Datasheet HTML 1Page - Toshiba Semiconductor TC58256AFT Datasheet HTML 2Page - Toshiba Semiconductor TC58256AFT Datasheet HTML 3Page - Toshiba Semiconductor TC58256AFT Datasheet HTML 4Page - Toshiba Semiconductor TC58256AFT Datasheet HTML 5Page - Toshiba Semiconductor TC58256AFT Datasheet HTML 6Page - Toshiba Semiconductor TC58256AFT Datasheet HTML 7Page - Toshiba Semiconductor TC58256AFT Datasheet HTML 8Page - Toshiba Semiconductor TC58256AFT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
TC58256AFT
2001-05-30
4/33
AC CHARACTERISTICS AND RECOMMENDED OPERATING CONDITIONS
(Ta
==== 0° to 70°C, VCC ==== 2.7 V to 3.6 V)
SYMBOL
PARAMETER
MIN
MAX
UNIT
NOTES
tCLS
CLE Setup Time
0
¾
ns
tCLH
CLE Hold Time
10
¾
ns
tCS
CE Setup Time
0
¾
ns
tCH
CE Hold Time
10
¾
ns
tWP
Write Pulse Width
25
¾
ns
tALS
ALE Setup Time
0
¾
ns
tALH
ALE Hold Time
10
¾
ns
tDS
Data Setup Time
20
¾
ns
tDH
Data Hold Time
10
¾
ns
tWC
Write Cycle Time
50
¾
ns
tWH
WE High Hold Time
15
¾
ns
tWW
WP High to WE Low
100
¾
ns
tRR
Ready to RE Falling Edge
20
¾
ns
tRP
Read Pulse Width
35
¾
ns
tRC
Read Cycle Time
50
¾
ns
tREA
RE Access Time (Serial Data Access)
¾
35
ns
tCEH
CE High Time for Last Address in Serial Read Cycle
100
¾
ns
(2)
tREAID
RE Access Time (ID Read)
¾
35
ns
tOH
Data Output Hold Time
10
¾
ns
tRHZ
RE High to Output High Impedance
¾
30
ns
tCHZ
CE High to Output High Impedance
¾
20
ns
tREH
RE High Hold Time
15
¾
ns
tIR
Output-High-impedance-to- RE Rising Edge
0
¾
ns
tRSTO
RE Access Time (Status Read)
¾
35
ns
tCSTO
CE Access Time (Status Read)
¾
45
ns
tRHW
RE High to WE Low
0
¾
ns
tWHC
WE High to CE Low
30
¾
ns
tWHR
WE High to RE Low
30
¾
ns
tAR1
ALE Low to RE Low (ID Read)
100
¾
ns
tCR
CE Low to RE Low (ID Read)
100
¾
ns
tR
Memory Cell Array to Starting Address
¾
25
ms
tWB
WE High to Busy
¾
200
ns
tAR2
ALE Low to RE Low (Read Cycle)
50
¾
ns
tRB
RE Last Clock Rising Edge to Busy (in Sequential Read)
¾
200
ns
tCRY
CE High to Ready (When interrupted by CE in Read Mode)
¾
1
+
tr (
BY
/
RY
)
ms
(1) (2)
tRST
Device Reset Time (Read/Program/Erase)
¾
6/10/500
ms
AC TEST CONDITIONS
PARAMETER
CONDITION
Input level
2.4 V, 0.4 V
Input pulse rise and fall time
3 ns
Input comparison level
1.5 V, 1.5 V
Output data comparison level
1.5 V, 1.5 V
Output load
CL (100 pF) + 1 TTL


Número de pieza similar - TC58256AFT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC58256FT TOSHIBA-TC58256FT Datasheet
1Mb / 33P
   256-MBIT (32M x 8BITS) CMOS NAND EEPROM
TC58256FTI TOSHIBA-TC58256FTI Datasheet
1Mb / 33P
   256-MBIT (32M x 8BITS) CMOS NAND EEPROM
More results

Descripción similar - TC58256AFT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC5832FT TOSHIBA-TC5832FT Datasheet
1Mb / 38P
   32 MBIT (4M X 8 BITS) CMOS NAND E2PROM
TC581282AXB TOSHIBA-TC581282AXB Datasheet
507Kb / 31P
   128-MBIT (16M X 8 BITS) CMOS NAND E2PROM
TC5816BDC TOSHIBA-TC5816BDC Datasheet
1Mb / 36P
   16 MBIT (2M x 8 BITS) CMOS NAND FLASH E2PROM
TC58256FTI TOSHIBA-TC58256FTI Datasheet
1Mb / 33P
   256-MBIT (32M x 8BITS) CMOS NAND EEPROM
TC58256FT TOSHIBA-TC58256FT Datasheet
1Mb / 33P
   256-MBIT (32M x 8BITS) CMOS NAND EEPROM
TC58DVM72A1F TOSHIBA-TC58DVM72A1F Datasheet
369Kb / 34P
   128-MBIT (16M x 8 BITS/8M x 16BITS) CMOS NAND E2PROM
TC58128AFT TOSHIBA-TC58128AFT Datasheet
617Kb / 33P
   128-MBIT (16M 횞 8 BITS) CMOS NAND E2PROM
TC58NS256DC TOSHIBA-TC58NS256DC Datasheet
709Kb / 33P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 256-MBIT (32M 짰8 BITS) CMOS NAND E2PROM (32M BYTE SmartMediaTM)
TC58V64BDC TOSHIBA-TC58V64BDC Datasheet
345Kb / 33P
   64-MBIT (8M x 8 BITS) CMOS NAND E2PROM (8M BYTE SmartMediaTM)
logo
National Semiconductor ...
NM29N16 NSC-NM29N16 Datasheet
503Kb / 30P
   16 MBit (2M x 8 Bit) CMOS NAND FLASH E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com