Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA8920B Datasheet(PDF) 10 Page - NXP Semiconductors

No. de pieza TDA8920B
Descripción Electrónicos  2 X 100 W class-D power amplifier
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8920B Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8920B Datasheet HTML 6Page - NXP Semiconductors TDA8920B Datasheet HTML 7Page - NXP Semiconductors TDA8920B Datasheet HTML 8Page - NXP Semiconductors TDA8920B Datasheet HTML 9Page - NXP Semiconductors TDA8920B Datasheet HTML 10Page - NXP Semiconductors TDA8920B Datasheet HTML 11Page - NXP Semiconductors TDA8920B Datasheet HTML 12Page - NXP Semiconductors TDA8920B Datasheet HTML 13Page - NXP Semiconductors TDA8920B Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
9397 750 13356
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Preliminary data sheet
Rev. 01 — 1 October 2004
10 of 34
Philips Semiconductors
TDA8920B
2
× 100 W class-D power amplifier
8.3.3 Window Protection (WP)
During the start-up sequence, when pin MODE is switched from standby to mute, the
conditions at the output terminals of the power stage are checked. In the event of a
short-circuit at one of the output terminals to VDD or VSS the start-up procedure is
interrupted and the system waits for open-circuit outputs. Because the test is done before
enabling the power stages, no large currents will flow in the event of a short-circuit. This
system is called Window Protection (WP) and protects for short-circuits at both sides of
the output filter to both supply lines. When there is a short-circuit from the power PWM
output of the power stage to one of the supply lines (before the demodulation filter) it will
also be detected by the start-up safety test. Practical use of this test feature can be found
in detection of short-circuits on the printed-circuit board.
Remark: This test is operational during (every) start-up sequence at a transition between
Standby and Mute mode. However when the amplifier is completely shut-down due to
activation of the OverCurrent Protection (OCP) because a short to one of the supply lines
is made, then during restart (after 100 ms) the window protection will be activated. As a
result the amplifier will not start-up until the short to the supply lines is removed.
8.3.4 Supply voltage protections
If the supply voltage drops below
±12.5 V, the UnderVoltage Protection (UVP) circuit is
activated and the system will shut-down correctly. If the internal clock is used, this
switch-off will be silent and without pop noise. When the supply voltage rises above the
threshold level, the system is restarted again after 100 ms. If the supply voltage exceeds
±33 V the OverVoltage Protection (OVP) circuit is activated and the power stages will
shut-down. It is re-enabled as soon as the supply voltage drops below the threshold level.
So in this case no timer of 100 ms is started.
An additional UnBalance Protection (UBP) circuit compares the positive analog (VDDA)
and the negative analog (VSSA) supply voltages and is triggered if the voltage difference
between them exceeds a certain level. This level depends on the sum of both supply
voltages. An expression for the unbalanced threshold level is as follows:
Vth(ub) ≈ 0.15 × (VDDA +VSSA).
When the supply voltage difference drops below the threshold level, the system is
restarted again after 100 ms.
Example: With a symmetrical supply of
±30 V, the protection circuit will be triggered if the
unbalance exceeds approximately 9 V; see also Section 13.7.
In Table 4 an overview is given of all protections and the effect on the output signal.
[1]
Hysteresis of 20 degrees will influence restart timing depending on heatsink size.
Table 4:
Overview protections TDA8920B
Protection name
Complete shut-down
Restart directly
Restart every 100 ms
OTP
Y
Y [1]
N [1]
OCP
N [2]
Y [2]
N [2]
WP
Y [3]
YN
UVP
Y
N
Y
OVP
YYN
UBP
Y
N
Y


Número de pieza similar - TDA8920B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8920 PHILIPS-TDA8920 Datasheet
129Kb / 16P
   2 x 50 W class-D power amplifier
1998 Dec 01
TDA8920C NXP-TDA8920C Datasheet
275Kb / 40P
   2 X110 W class-D power amplifier
Rev. 01-29 September 2008
TDA8920C NXP-TDA8920C Datasheet
242Kb / 39P
   2 쨈 110 W class-D power amplifier
Rev. 02-11 June 2009
TDA8920CJ NXP-TDA8920CJ Datasheet
275Kb / 40P
   2 X110 W class-D power amplifier
Rev. 01-29 September 2008
TDA8920CJ NXP-TDA8920CJ Datasheet
242Kb / 39P
   2 쨈 110 W class-D power amplifier
Rev. 02-11 June 2009
More results

Descripción similar - TDA8920B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8920C PHILIPS-TDA8920C_15 Datasheet
242Kb / 39P
   2 X 110 W class-D power amplifier
Rev. 02-11 June 2009
TDA8950 NXP-TDA8950 Datasheet
271Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 01-9 September 2008
TDA8922B PHILIPS-TDA8922B Datasheet
201Kb / 32P
   2 X 50 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920 PHILIPS-TDA8920 Datasheet
129Kb / 16P
   2 x 50 W class-D power amplifier
1998 Dec 01
TDA8924 PHILIPS-TDA8924 Datasheet
722Kb / 35P
   2 x 120 W class-D power amplifier
2003 Jul 28
TDA8950 PHILIPS-TDA8950_15 Datasheet
242Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 02-11 June 2009
TDA8922 PHILIPS-TDA8922 Datasheet
748Kb / 36P
   2 x 25 W class-D power amplifier
2003 Mar 20
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
   Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
TDA8927 PHILIPS-TDA8927 Datasheet
489Kb / 36P
   Power stage 2 x 80 W class-D audio amplifier
2001 Dec 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com