Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PE3C2416LF-24 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

No. de pieza PE3C2416LF-24
Descripción Electrónicos  BNC Male to BNC Male Cable 24 Inch Length Using RG316 Coax, LF Solder, RoHS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PASTERNACK [Pasternack Enterprises, Inc.]
Página de inicio  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C2416LF-24 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C2416LF-24 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C2416LF-24 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C2416LF-24 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C2416LF-24 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: BNC Male
• Connector 2: BNC Male
• Cable Type: RG316
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
VSWR
1.4:1
Velocity of Propagation
69
%
Capacitance
29.4 [96.46]
pF/ft [pF/m]
DC Resistance Inner Conductor
8.41 [27.59]
Ω/1000ft [Ω/Km]
Operating Voltage (AC)
335
Vrms
Jacket Spark
2,000
Vrms
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
0.1
0.25
0.5
1
3
GHz
Insertion Loss (Max.)
0.43
0.49
0.59
0.8
1.29
dB
Insertion Loss (Typ.)
0.42
0.52
0.677
0.96
1.36
dB
VSWR (Max.)
1.4:1
1.4:1
1.4:1
1.4:1
1.4:1
Return Loss (Max.)
15.56
15.563
15.563
15.563
15.563
dB
.
Mechanical Specifications
Cable Assembly
Length*
24 in [609.6 mm]
Diameter
0.57 in [14.48 mm]
.
Cable
Cable Type
RG316
Impedance
50 Ohms
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: BNC Male to BNC Male Cable 24 Inch Length Using RG316 Coax, LF Solder, RoHS
PE3C2416LF-24
PE3C2416LF-24 REV 1.1
BNC Male to BNC Male Cable 24 Inch Length
Using RG316 Coax, LF Solder, RoHS
RF Cable Assemblies Technical Data Sheet
PE3C2416LF-24


Número de pieza similar - PE3C2416LF-24

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE3C2416LF-12 PASTERNACK-PE3C2416LF-12 Datasheet
367Kb / 4P
   BNC Male to BNC Male Cable 12 Inch Length Using RG316 Coax, LF Solder, RoHS
PE3C2416LF-36 PASTERNACK-PE3C2416LF-36 Datasheet
367Kb / 4P
   BNC Male to BNC Male Cable 36 Inch Length Using RG316 Coax, LF Solder, RoHS
PE3C2416LF-48 PASTERNACK-PE3C2416LF-48 Datasheet
368Kb / 4P
   BNC Male to BNC Male Cable 48 Inch Length Using RG316 Coax, LF Solder, RoHS
PE3C2416LF-60 PASTERNACK-PE3C2416LF-60 Datasheet
370Kb / 4P
   BNC Male to BNC Male Cable 60 Inch Length Using RG316 Coax, LF Solder, RoHS
PE3C2416LF-72 PASTERNACK-PE3C2416LF-72 Datasheet
367Kb / 4P
   BNC Male to BNC Male Cable 72 Inch Length Using RG316 Coax, LF Solder, RoHS
More results

Descripción similar - PE3C2416LF-24

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE3C2416LF-60 PASTERNACK-PE3C2416LF-60 Datasheet
370Kb / 4P
   BNC Male to BNC Male Cable 60 Inch Length Using RG316 Coax, LF Solder, RoHS
PE3C2416LF-36 PASTERNACK-PE3C2416LF-36 Datasheet
367Kb / 4P
   BNC Male to BNC Male Cable 36 Inch Length Using RG316 Coax, LF Solder, RoHS
PE3C2416LF-72 PASTERNACK-PE3C2416LF-72 Datasheet
367Kb / 4P
   BNC Male to BNC Male Cable 72 Inch Length Using RG316 Coax, LF Solder, RoHS
PE3C2416LF-12 PASTERNACK-PE3C2416LF-12 Datasheet
367Kb / 4P
   BNC Male to BNC Male Cable 12 Inch Length Using RG316 Coax, LF Solder, RoHS
PE3C2416LF-48 PASTERNACK-PE3C2416LF-48 Datasheet
368Kb / 4P
   BNC Male to BNC Male Cable 48 Inch Length Using RG316 Coax, LF Solder, RoHS
PE3C2360LF-24 PASTERNACK-PE3C2360LF-24 Datasheet
370Kb / 4P
   SMA Male to BNC Male Cable 24 Inch Length Using RG316 Coax, LF Solder, RoHS
PE3C2416LF PASTERNACK-PE3C2416LF Datasheet
369Kb / 4P
   BNC Male to BNC Male Cable Using RG316 Coax, LF Solder, RoHS
PE3C2034LF-24 PASTERNACK-PE3C2034LF-24 Datasheet
361Kb / 4P
   BNC Male to BNC Male Cable 24 Inch Length Using RG188 Coax, LF Solder, RoHS
PE3C2295LF-24 PASTERNACK-PE3C2295LF-24 Datasheet
361Kb / 4P
   BNC Male to BNC Male Cable 24 Inch Length Using RG174 Coax, LF Solder, RoHS
PE3C3424LF-24 PASTERNACK-PE3C3424LF-24 Datasheet
366Kb / 4P
   10-32 Male to BNC Male Cable 24 Inch Length Using RG316 Coax, LF Solder, RoHS
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com