Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLG46127 Datasheet(PDF) 41 Page - Dialog Semiconductor

No. de pieza SLG46127
Descripción Electrónicos  GreenPAK Programmable Mixed-signal Matrix
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIALOG [Dialog Semiconductor]
Página de inicio  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46127 Datasheet(HTML) 41 Page - Dialog Semiconductor

Back Button SLG46127 Datasheet HTML 37Page - Dialog Semiconductor SLG46127 Datasheet HTML 38Page - Dialog Semiconductor SLG46127 Datasheet HTML 39Page - Dialog Semiconductor SLG46127 Datasheet HTML 40Page - Dialog Semiconductor SLG46127 Datasheet HTML 41Page - Dialog Semiconductor SLG46127 Datasheet HTML 42Page - Dialog Semiconductor SLG46127 Datasheet HTML 43Page - Dialog Semiconductor SLG46127 Datasheet HTML 44Page - Dialog Semiconductor SLG46127 Datasheet HTML 45Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 88 page
background image
000-0046127-101
Page 40 of 87
SLG46127
11.0 Analog Comparators (ACMP)
There are two Analog Comparator (ACMP) macro cells in the SLG46127. In order for the ACMP cells to be used in a GreenPAK
design, the power up signals (ACMP0_pdb and ACMP1_pdb) need to be active. By connecting to signals coming from the
Connection Matrix, it is possible to have each ACMP be on continuously, off continuously, or switched on periodically based on
a digital signal coming from the Connection Matrix. When ACMP is powered down, output is low.
Each of the ACMP cells has a positive input signal that can be provided by a variety of external sources, and can also have a
selectable gain stage before connection to the analog comparator. Each of the ACMP cells has a negative input signal that is
either created from an internal VREF or provided by way of the external sources.
Each of the ACMP cells has a selection for the bandwidth of the input signal, which can be used to save power when low bandwidth
signals are input into the analog comparator. And if input frequency > 200 kHz, the output will retain its previous value. Each cell
also has a hysteresis selection, to offer hysteresis of 0 mV, 25 mV, 50 mV or 200 mV.
During powerup, the ACMP output will remain low, and then become valid 110 µs (max) after POR signal goes high, see Figure 16.
Note: Regulator and Charge Pump set to automatic ON/OFF.
Each of the ACMP cells has a positive input signal that can be provided by a variety of external sources, and can also have a
selectable gain stage (1X, 0.5X, 0.33X, 0.25X) before connection to the analog comparator. The Gain divider is unbuffered and
consists of 250 KΩ (typ.) resistors, see Table 33. For gain divider accuracy refer to Table 34. IN- voltage range: 0 - 1.2 V. Can
use Vref selection VDD/4 and VDD/3 to maintain this input range.
Figure 16. Maximum Power On Delay vs. VDD.
Table 33. Gain Divider Input Resistance (typ).
Gain
1X
0.5X
0.33X
0.25X
Input Resistance
100M
1M
0.75M
1M
Table 34. Gain Divider Accuracy.
Gain
0.5X
0.33X
0.25X
Accuracy
±0.6%
±0.9%
±2.8%
1
2
3
4
5
6
7
8
9
10
11
12
0
10
20
30
40
50
60
70
80
90
00
10
20
VDD (V)
-40
roo
+85
0 C
om
5 C


Número de pieza similar - SLG46127

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
SLG46127 RENESAS-SLG46127 Datasheet
8Mb / 94P
   Programmable Mixed-signal Matrix with Dual 44 mΩ / 2 A P-FET
Revised March 4, 2022
SLG46127M RENESAS-SLG46127M Datasheet
8Mb / 94P
   Programmable Mixed-signal Matrix with Dual 44 mΩ / 2 A P-FET
Revised March 4, 2022
SLG46127MTR RENESAS-SLG46127MTR Datasheet
8Mb / 94P
   Programmable Mixed-signal Matrix with Dual 44 mΩ / 2 A P-FET
Revised March 4, 2022
More results

Descripción similar - SLG46127

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com