Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLG46140 Datasheet(PDF) 14 Page - Dialog Semiconductor

No. de pieza SLG46140
Descripción Electrónicos  GreenPAK Programmable Mixed-signal Matrix
Download  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIALOG [Dialog Semiconductor]
Página de inicio  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46140 Datasheet(HTML) 14 Page - Dialog Semiconductor

Back Button SLG46140 Datasheet HTML 10Page - Dialog Semiconductor SLG46140 Datasheet HTML 11Page - Dialog Semiconductor SLG46140 Datasheet HTML 12Page - Dialog Semiconductor SLG46140 Datasheet HTML 13Page - Dialog Semiconductor SLG46140 Datasheet HTML 14Page - Dialog Semiconductor SLG46140 Datasheet HTML 15Page - Dialog Semiconductor SLG46140 Datasheet HTML 16Page - Dialog Semiconductor SLG46140 Datasheet HTML 17Page - Dialog Semiconductor SLG46140 Datasheet HTML 18Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 170 page
background image
000-0046140-109
Page 13 of 169
SLG46140
VOL
LOW-Level Output Voltage
Push-Pull 1X,
IOL= 5 mA
--
0.193
0.330
V
Push-Pull 2X,
IOL= 5 mA
--
0.101
0.160
V
Push-Pull 4X,
IOL= 5 mA
--
0.071
0.135
V
Open Drain NMOS 1X,
IOL= 5 mA
--
0.090
0.160
V
Open Drain NMOS 2X,
IOL= 5 mA
--
0.050
0.080
V
Open Drain NMOS 4X,
IOL= 5 mA
--
0.021
0.030
V
IOH
HIGH-Level Output Pulse
Current (see Note 1)
Push-Pull 1X, Open Drain PMOS 1X,
VOH = 2.4 V
20.716
30.759
--
mA
Push-Pull 2X, Open Drain PMOS 2X,
VOH = 2.4 V
40.059
59.691
--
mA
Push-Pull 4X, Open Drain PMOS 4X,
VOH = 2.4 V
76.137
112.724
--
mA
IOL
LOW-Level Output Pulse
Current (see Note 1)
Push-Pull 1X,
VOL = 0.4 V
6.010
9.730
--
mA
Push-Pull 2X,
VOL = 0.4 V
12.020
19.460
--
mA
Push-Pull 4X,
VOL = 0.4 V
26.150
37.191
--
mA
Open Drain NMOS 1X,
VOL = 0.4 V
12.030
19.460
--
mA
Open Drain NMOS 2X,
VOL = 0.4 V
24.060
38.920
--
mA
Open Drain NMOS 4X,
VOL = 0.4 V
60.071
86.737
--
mA
IVDD
Maximum Average or DC
Current Through VDD Pin
(Per chip side, see Note 2)
TJ = 85°C
--
--
45
mA
TJ = 110°C
--
--
21
mA
IGND
Maximum Average or DC
Current Through GND Pin
(Per chip side, see Note 2)
TJ = 85°C
--
--
45
mA
TJ = 110°C
--
--
21
mA
VO
Maximal Voltage Applied
to any PIN in High-
Impedance State
VDD
V
TSU
Startup Time (see Note 3)
from VDD rising past PONTHR
0.462
0.848
2.693
ms
PONTHR
Power On Threshold
VDD Level Required to Start Up the
Chip
0.963
1.314
1.659
V
POFFTHR Power Off Threshold
VDD Level Required to Switch Off the
Chip
0.877
1.109
1.288
V
RPUP
Pull Up Resistance
1 M Pull Up
884.96
1074.96
1306.99
100 k Pull Up
91.90
110.17
131.96
10 k Pull Up
8.98
11.64
14.55
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit


Número de pieza similar - SLG46140

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
SLG46140 RENESAS-SLG46140 Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46140V RENESAS-SLG46140V Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46140VTR RENESAS-SLG46140VTR Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
More results

Descripción similar - SLG46140

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com