Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PE7048-20 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

No. de pieza PE7048-20
Descripción Electrónicos  20 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PASTERNACK [Pasternack Enterprises, Inc.]
Página de inicio  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7048-20 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7048-20_16 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7048-20_16 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7048-20_16 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Mechanical Specifications
Size
Length
2.41 in [61.21 mm]
Width/Diameter
1 in [25.4 mm]
.
Weight
0.151 lbs [68.49 g]
Body Material and Plating
Black Anodized Aluminum Heatsink
Configuration
Design
Fixed, Bidirectional
Package Style
Connectorized Module
Connectors
Description
Connector 1
Connector 2
Type
N Male
N Female
Connector Specification
MIL-STD-348
MIL-STD-348
Contact Material and Plating
Beryllium Copper, Gold
Beryllium Copper, Gold
Body Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
.
Environmental Specifications
Temperature
Operating Range
-65 to +125 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Plotted and Other Data
Notes:
20 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body Rated to 10 Watts Up to 12.4 GHz
from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 20 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body Rated to
10 Watts Up to 12.4 GHz
PE7048-20
URL:
http://www.pasternack.com/20db-fixed-n-male-n-female-10-watts-attenuator-pe7048-20-p.aspx
PE7048-20 REV 1.1
RF Fixed Attenuators Technical Data Sheet
PE7048-20
20 dB Fixed Attenuator, N Male to N Female Black Anodized
Aluminum Heatsink Body Rated to 10 Watts Up to 12.4 GHz


Número de pieza similar - PE7048-20_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE7048-20 PASTERNACK-PE7048-20 Datasheet
223Kb / 3P
   20 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 12.4 GHz
More results

Descripción similar - PE7048-20_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE7015-20 PASTERNACK-PE7015-20_16 Datasheet
239Kb / 3P
   20 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7010-20 PASTERNACK-PE7010-20_16 Datasheet
241Kb / 4P
   20 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7017-20 PASTERNACK-PE7017-20_16 Datasheet
241Kb / 3P
   20 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7031-20 PASTERNACK-PE7031-20_16 Datasheet
260Kb / 3P
   20 dB Fixed Attenuator, N Male to N Female Directional Black Anodized Aluminum Heatsink Body
PE7021-20 PASTERNACK-PE7021-20_16 Datasheet
260Kb / 3P
   20 dB Fixed Attenuator, N Male to N Female Directional Black Anodized Aluminum Heatsink Body
PE7019-20 PASTERNACK-PE7019-20_16 Datasheet
258Kb / 3P
   20 dB Fixed Attenuator, N Male to N Female Directional Black Anodized Aluminum Heatsink Body
PE7017-30 PASTERNACK-PE7017-30_16 Datasheet
241Kb / 3P
   30 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7010-40 PASTERNACK-PE7010-40_16 Datasheet
241Kb / 4P
   40 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7015-1 PASTERNACK-PE7015-1_16 Datasheet
239Kb / 3P
   1 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7015-10 PASTERNACK-PE7015-10_16 Datasheet
239Kb / 3P
   10 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com