Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLG46200 Datasheet(PDF) 35 Page - Dialog Semiconductor

No. de pieza SLG46200
Descripción Electrónicos  GreenPAK Programmable Mixed Signal Array
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIALOG [Dialog Semiconductor]
Página de inicio  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46200 Datasheet(HTML) 35 Page - Dialog Semiconductor

Back Button SLG46200 Datasheet HTML 31Page - Dialog Semiconductor SLG46200 Datasheet HTML 32Page - Dialog Semiconductor SLG46200 Datasheet HTML 33Page - Dialog Semiconductor SLG46200 Datasheet HTML 34Page - Dialog Semiconductor SLG46200 Datasheet HTML 35Page - Dialog Semiconductor SLG46200 Datasheet HTML 36Page - Dialog Semiconductor SLG46200 Datasheet HTML 37Page - Dialog Semiconductor SLG46200 Datasheet HTML 38Page - Dialog Semiconductor SLG46200 Datasheet HTML 39Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 69 page
background image
000-0046200-124
Page 30 of 64
SLG46200
12.9 ACMP Hysteresis
Both ACMP’s have a 50mV hysteresis feature, where either the addition or subtraction of 25mV to the IN- signal will change the
ACMP’s output value. The 50mV hysteresis signals are controlled as follows:
ACMP0_hy_en, reg<369> when set to “1” will turn on the hysteresis,
Output from “0” becomes “1” when IN+
≥ IN- + 0.025V
Output from “1” becomes “0” when IN+
≤ IN- - 0.025V
ACMP1_hy_en, reg<370> when set to “1” will turn on the hysteresis,
Output from “0” becomes “1” when IN+
≥ IN- + 0.025V
Output from “1” becomes “0” when IN+
≤ IN- - 0.025V
12.10 ACMP0 & ACMP1 Register Settings
12.10.1 ACMP0 Register Settings
Table 12. ACMP0 Register Settings
Signal Name
Signal Function
Register Bit
Address
Register Definition
ACMP0_l1u_en
ACMP0 1
μA input
current option
<346>
0: Disable
1: Enable
ACMP0_low_bw
ACMP0 low bandwidth
enable
<347>
0: Disable
1: Enable
ACMP0_PGA_en
PGA gain to ACMP0
input enable
<357>
0: Disable (IN+ input from PIN 4)
1: Enable (IN+ input from ADC PGA Out)
ACMP0_Vref_sel
ACMP0 IN- voltage
select
<361:358>
0000: 50mV
1000: 600mV
0001: 100mV
1001: 700mV
0010: 150mV
1010: 800mV
0011: 200mV
1011: 900mV
0100: 250mV
1100: 1100mV
0101: 300mV
1101: 1300mV
0110: 400mV
1110: 1500mV
0111: 500mV
1111: External (PIN 8)
ACMP0_hy_en
ACMP0 50mV
hysteresis enable
<369>
0: Disable
1: Enable


Número de pieza similar - SLG46200

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
SLG46200 RENESAS-SLG46200 Datasheet
1Mb / 70P
   GreenPAKTM Programmable Mixed Signal Array
August 8, 2014
SLG46200V RENESAS-SLG46200V Datasheet
1Mb / 70P
   GreenPAKTM Programmable Mixed Signal Array
August 8, 2014
SLG46200VTR RENESAS-SLG46200VTR Datasheet
1Mb / 70P
   GreenPAKTM Programmable Mixed Signal Array
August 8, 2014
More results

Descripción similar - SLG46200

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
SLG46721 RENESAS-SLG46721 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
SLG46722 RENESAS-SLG46722 Datasheet
1Mb / 88P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
logo
Dialog Semiconductor
SLG46400 DIALOG-SLG46400 Datasheet
1Mb / 95P
   GreenPAK 2TM Rev.B Programmable Mixed Signal Array
logo
Renesas Technology Corp
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
   GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com