Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLG46400 Datasheet(PDF) 25 Page - Dialog Semiconductor

No. de pieza SLG46400
Descripción Electrónicos  GreenPAK 2TM Rev.B Programmable Mixed Signal Array
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIALOG [Dialog Semiconductor]
Página de inicio  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46400 Datasheet(HTML) 25 Page - Dialog Semiconductor

Back Button SLG46400 Datasheet HTML 21Page - Dialog Semiconductor SLG46400 Datasheet HTML 22Page - Dialog Semiconductor SLG46400 Datasheet HTML 23Page - Dialog Semiconductor SLG46400 Datasheet HTML 24Page - Dialog Semiconductor SLG46400 Datasheet HTML 25Page - Dialog Semiconductor SLG46400 Datasheet HTML 26Page - Dialog Semiconductor SLG46400 Datasheet HTML 27Page - Dialog Semiconductor SLG46400 Datasheet HTML 28Page - Dialog Semiconductor SLG46400 Datasheet HTML 29Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 95 page
background image
000-0046400-109
Page 19 of 89
SLG46400
8.0 Connection Matrix
The Connection Matrix in the SLG46400 is used to create the internal routing for the 832 register bits of the SLG46400 device
once it is programmed. The registers are programmed from the one-time NVM cell during Test Mode Operation. All of the
connection point for each logic cell within the SLG46400 has a specific digital bit code assigned to it that is either set to active
“High” or inactive “Low” based on the design that is created. Once the 832 register bits within the SLG46400 are programmed a
fully custom circuit will be created.
For a complete list of the SLG46400’s register table, see Appendix A.
8.1 Connection Matrix Register Settings
Table 11. Connection Matrix Register Settings
Register Code
Connection Point
000000
Ground
000001
LUT2_0 Output
000010
LUT2_1 Output
000011
LUT2_2 Output
000100
LUT2_3 Output
000101
LUT3_0 Output
000110
LUT3_1 Output
000111
LUT3_2 Output
001000
LUT3_3 Output
001001
LUT3_4 Output
001010
LUT3_5 Output
001011
LUT4 Output
001100
DFF0/LATCH0 Output
001101
DFF1/LATCH1 Output
001110
DFF2/LATCH2 Output
001111
DFF3/LATCH3 Output
010000
PIN2 Digital Output
010001
PIN3 Digital Output
010010
PIN4 Digital Output
010011
PIN5 Digital Output
010100
PIN6 Digital Output
010101
PIN8 Digital Output
010110
PIN9 Digital Output
010111
PIN10 Digital Output
011000
PIN11 Digital Output
011001
PIN12 Digital Output
011010
RC Oscillator Output
011011
RC Oscillator Divided By 4 Output
011100
RC Oscillator Divided By 12 Output
011101
DLY0/CNT0 Output
011110
DLY1/CNT1 Output


Número de pieza similar - SLG46400

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
   GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
More results

Descripción similar - SLG46400

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
   GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
logo
Dialog Semiconductor
SLG46200 DIALOG-SLG46200 Datasheet
1Mb / 69P
   GreenPAK Programmable Mixed Signal Array
logo
Renesas Technology Corp
SLG46721 RENESAS-SLG46721 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
SLG46722 RENESAS-SLG46722 Datasheet
1Mb / 88P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com