Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLG46532 Datasheet(PDF) 58 Page - Dialog Semiconductor

No. de pieza SLG46532
Descripción Electrónicos  GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
Download  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIALOG [Dialog Semiconductor]
Página de inicio  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46532 Datasheet(HTML) 58 Page - Dialog Semiconductor

Back Button SLG46532 Datasheet HTML 54Page - Dialog Semiconductor SLG46532 Datasheet HTML 55Page - Dialog Semiconductor SLG46532 Datasheet HTML 56Page - Dialog Semiconductor SLG46532 Datasheet HTML 57Page - Dialog Semiconductor SLG46532 Datasheet HTML 58Page - Dialog Semiconductor SLG46532 Datasheet HTML 59Page - Dialog Semiconductor SLG46532 Datasheet HTML 60Page - Dialog Semiconductor SLG46532 Datasheet HTML 61Page - Dialog Semiconductor SLG46532 Datasheet HTML 62Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 184 page
background image
SLG46532_DS_108
Page 57 of 183
SLG46532
8.2 Matrix Output Table
Table 42. Matrix Output Table
Register Bit
Address
Matrix Output Signal Function
Note: For each Address, the two most significant bits are unused)
Matrix Output
Number
reg <7:0>
Matrix OUT: ASM-state0-EN0
0
reg <15:8>
Matrix OUT: ASM-state0-EN1
1
reg <23:16>
Matrix OUT: ASM-state0-EN2
2
reg <31:24>
Matrix OUT: ASM-state1-EN0
3
reg <39:32>
Matrix OUT: ASM-state1-EN1
4
reg <47:40>
Matrix OUT: ASM-state1-EN2
5
reg <55:48>
Matrix OUT: ASM-state2-EN0
6
reg <63:56>
Matrix OUT: ASM-state2-EN1
7
reg <71:64>
Matrix OUT: ASM-state2-EN2
8
reg <79:72>
Matrix OUT: ASM-state3-EN0
9
reg <87:80>
Matrix OUT: ASM-state3-EN1
10
reg <95:88>
Matrix OUT: ASM-state3-EN2
11
reg <103:96>
Matrix OUT: ASM-state4-EN0
12
reg <111:104>
Matrix OUT: ASM-state4-EN1
13
reg <119:112>
Matrix OUT: ASM-state4-EN2
14
reg <127:120>
Matrix OUT: ASM-state5-EN0
15
reg <135:128>
Matrix OUT: ASM-state5-EN1
16
reg <143:136>
Matrix OUT: ASM-state5-EN2
17
reg <151:144>
Matrix OUT: ASM-state6-EN0
18
reg <159:152>
Matrix OUT: ASM-state6-EN1
19
reg <167:160>
Matrix OUT: ASM-state6-EN2
20
reg <175:168>
Matrix OUT: ASM-state7-EN0
21
reg <183:176>
Matrix OUT: ASM-state7-EN1
22
reg <191:184>
Matrix OUT: ASM-state7-EN2
23
reg <199:192>
Matrix OUT: ASM-state-nRST
24
reg <207:200>
Matrix OUT: PIN3 Digital Output Source
25
reg <215:208>
Matrix OUT: PIN3 Output Enable
26
reg <223:216>
Matrix OUT: PIN4 Digital Output Source
27
reg <231:224>
Matrix OUT: PIN5 Digital Output Source
28
reg <239:232>
Matrix OUT: PIN5 Output Enable
29
reg <247:240>
Matrix OUT: PIN6 Digital Output Source
30
reg <255:248>
Matrix OUT: PIN7 Digital Output Source
31
reg <263:256>
Matrix OUT: PIN7 Output Enable
32
reg <271:264>
Matrix OUT: PIN8 Digital Output Source (SCL with VI/Input & NMOS open-drain)
33
reg <279:272>
Matrix OUT: PIN9 Digital Output Source (SDA with VI/Input & NMOS open-drain)
34
reg <287:280>
Matrix OUT: PIN10 Digital Output Source
35
reg <295:288>
Matrix OUT: PIN10 Output Enable
36
reg <303:296>
Matrix OUT: PIN12 Digital Output Source
37


Número de pieza similar - SLG46532

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
SLG46532 RENESAS-SLG46532 Datasheet
2Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
October 20, 2016
SLG46532V RENESAS-SLG46532V Datasheet
2Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
October 20, 2016
SLG46532VTR RENESAS-SLG46532VTR Datasheet
2Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
October 20, 2016
More results

Descripción similar - SLG46532

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Dialog Semiconductor
SLG46535 DIALOG-SLG46535 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
logo
Renesas Technology Corp
SLG46880 RENESAS-SLG46880 Datasheet
4Mb / 354P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
1-Mar-2023
SLG46532 RENESAS-SLG46532 Datasheet
2Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
October 20, 2016
SLG46535 RENESAS-SLG46535 Datasheet
2Mb / 189P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
March 9, 2023
logo
Dialog Semiconductor
SLG46880 DIALOG-SLG46880 Datasheet
4Mb / 353P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
SLG46538-A DIALOG-SLG46538-A Datasheet
1Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
logo
Renesas Technology Corp
SLG46538-A RENESAS-SLG46538-A Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
9-Aug-2022
logo
Dialog Semiconductor
SLG46534 DIALOG-SLG46534 Datasheet
1Mb / 172P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
logo
Renesas Technology Corp
SLG46531 RENESAS-SLG46531 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
November 14, 2018
SLG46534 RENESAS-SLG46534 Datasheet
2Mb / 177P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com