Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLGC55545 Datasheet(PDF) 15 Page - Dialog Semiconductor

No. de pieza SLGC55545
Descripción Electrónicos  USB Charging Port Power Switch and Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIALOG [Dialog Semiconductor]
Página de inicio  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLGC55545 Datasheet(HTML) 15 Page - Dialog Semiconductor

Back Button SLGC55545 Datasheet HTML 11Page - Dialog Semiconductor SLGC55545 Datasheet HTML 12Page - Dialog Semiconductor SLGC55545 Datasheet HTML 13Page - Dialog Semiconductor SLGC55545 Datasheet HTML 14Page - Dialog Semiconductor SLGC55545 Datasheet HTML 15Page - Dialog Semiconductor SLGC55545 Datasheet HTML 16Page - Dialog Semiconductor SLGC55545 Datasheet HTML 17Page - Dialog Semiconductor SLGC55545 Datasheet HTML 18Page - Dialog Semiconductor SLGC55545 Datasheet HTML 19Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
000-000C55545-101
Page 15 of 20
SLGC55545
Application and Layout Guidelines
The designed power supply range is from 4.5V to 5.5V. If the input supply is located more than a few inches from the device,
an input bypass capacitor larger than 0.1uF is recommended.
The trace routing from the upstream regulator to the VIN pin must be as short as possible to reduce the voltage drop and
parasitic inductance.
The trace routing from the Current-Limit Set Resistors to the device must be as short as possible to reduce parasitic effects
on Current-Limit accuracy.


Número de pieza similar - SLGC55545

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
SLGC55545V RENESAS-SLGC55545V Datasheet
605Kb / 19P
   USB Charging Port Power Switch and Controller
8-Feb-2022
SLGC55545VTR RENESAS-SLGC55545VTR Datasheet
605Kb / 19P
   USB Charging Port Power Switch and Controller
8-Feb-2022
More results

Descripción similar - SLGC55545

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2541ARTER TI-TPS2541ARTER Datasheet
1Mb / 40P
[Old version datasheet]   USB Charging Port Power Switch and Controller
logo
Anpec Electronics Corop...
APL3524 ANPEC-APL3524 Datasheet
354Kb / 29P
   USB Charging Port Power Switch and Controller
logo
Renesas Technology Corp
SLGC55544CV RENESAS-SLGC55544CV Datasheet
590Kb / 20P
   USB Charging Port Power Switch and Controller
8-Feb-2022
SLGC55545V RENESAS-SLGC55545V Datasheet
605Kb / 19P
   USB Charging Port Power Switch and Controller
8-Feb-2022
logo
Texas Instruments
TPS2544RTER TI-TPS2544RTER Datasheet
1Mb / 33P
[Old version datasheet]   USB Charging Port Controller and Power Switch
TPS2540 TI-TPS2540 Datasheet
1,021Kb / 37P
[Old version datasheet]   USB Charging Port Power Switch and Controller
logo
Dialog Semiconductor
SLGC55544C DIALOG-SLGC55544C Datasheet
381Kb / 20P
   USB Charging Port Power Switch and Controller
logo
Renesas Technology Corp
SLG55544 RENESAS-SLG55544 Datasheet
514Kb / 20P
   USB Charging Port Power Switch and Controller
Revised February 8, 2022
SLG55546 RENESAS-SLG55546 Datasheet
566Kb / 20P
   USB Charging Port Power Switch and Controller
February 8, 2022
logo
Pericom Semiconductor C...
PI5USB2544 PERICOM-PI5USB2544 Datasheet
685Kb / 22P
   USB Charging Port Controller and Detection Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com