Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSI10L200CW Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TSI10L200CW
Descripción Electrónicos  10A, 200V Trench Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSI10L200CW Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSI10L200CW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSI10L200CW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSI10L200CW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSI10L200CW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Document Number: DS_D1510007
Version: A15
TSI10L200CW
I
2PAK
EXAMPLE
PACKING CODE
SUFFIX
C0
G
EXAMPLE
PART NO.
TSI10L200CW
Taiwan Semiconductor
ORDERING INFORMATION
PACKING
PACKAGE
PART NO.
PACKING CODE
PACKING CODE
SUFFIX
RATINGS AND CHARACTERISTICS CURVES
(TA = 25°C unless otherwise noted)
TSI10L200CW C0G
PART NO.
TSI10L200CW
50 / Tube
Green compound
DESCRIPTION
C0
PACKING
CODE
G
0
2
4
6
8
10
12
0
25
50
75
100
125
150
FIG. 1 FORWARD CURRENT DERATING CURVE
WITH HEATSINK
3in x 5in x 0.25in
Al-Plate
CASE TEMPERATURE (oC)
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
FIG. 2 TYPICAL FORWARD CHARACTERISTICS
FORWARD VOLTAGE (V)
TJ=150oC
TJ=125oC
TJ=25oC
TJ=100oC
10
100
1000
0.1
1
10
100
FIG. 4 TYPICAL JUNCTION CAPACITANCE
f=1.0MHz
Vsig=50mVp-p
REVERSE VOLTAGE (V)
0.00001
0.0001
0.001
0.01
0.1
1
10
10
20
30
40
50
60
70
80
90
100
FIG. 3 TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
TJ=150oC
TJ=125oC
TJ=25oC
TJ=100oC


Número de pieza similar - TSI10L200CW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TSI10H100CW TSC-TSI10H100CW Datasheet
245Kb / 5P
   10A, 100V - 200V Trench Schottky Rectifiers
TSI10H120CW TSC-TSI10H120CW Datasheet
245Kb / 5P
   10A, 100V - 200V Trench Schottky Rectifiers
TSI10H150CW TSC-TSI10H150CW Datasheet
245Kb / 5P
   10A, 100V - 200V Trench Schottky Rectifiers
TSI10H200CW TSC-TSI10H200CW Datasheet
245Kb / 5P
   10A, 100V - 200V Trench Schottky Rectifiers
More results

Descripción similar - TSI10L200CW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TSD10L200CW TSC-TSD10L200CW Datasheet
215Kb / 4P
   10A, 200V Trench Schottky Rectifier
TSD10H100CW TSC-TSD10H100CW Datasheet
234Kb / 5P
   10A, 100V - 200V Trench Schottky Rectifier
TSSD10L100SW TSC-TSSD10L100SW Datasheet
341Kb / 6P
   10A, 100V - 200V Trench Schottky Rectifier
TST10L200CW TSC-TST10L200CW Datasheet
341Kb / 4P
   10A, 200V Trench Schottky Rectifiers
TSI10H100CW TSC-TSI10H100CW Datasheet
245Kb / 5P
   10A, 100V - 200V Trench Schottky Rectifiers
TSF10L100CW TSC-TSF10L100CW Datasheet
247Kb / 5P
   10A, 100V - 200V Trench Schottky Rectifiers
logo
PFC Device Inc.
PFR10L200CT PFC-PFR10L200CT Datasheet
775Kb / 7P
   10A 200V MOS Schottky Rectifier
PFR10200CT PFC-PFR10200CT Datasheet
775Kb / 7P
   10A 200V MOS Schottky Rectifier
P10L200SP PFC-P10L200SP Datasheet
726Kb / 5P
   10A 200V MOS Schottky Rectifier
PFR10V200CT PFC-PFR10V200CT Datasheet
776Kb / 7P
   10A 200V MOS Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com