Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PE3C2599-48 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

No. de pieza PE3C2599-48
Descripción Electrónicos  SMC Plug to BNC Male Cable 48 Inch Length Using RG316 Coax
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PASTERNACK [Pasternack Enterprises, Inc.]
Página de inicio  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C2599-48 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3C2599-48 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C2599-48 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C2599-48 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C2599-48 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
How to Order
Part Number Configuration:
PE3C2599
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3C2599-12 = 12 inches long cable
PE3C2599-100cm = 100 cm long cable
SMC Plug to BNC Male Cable 48 Inch Length Using RG316 Coax from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99.4% availability and are
part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMC Plug to BNC Male Cable 48 Inch Length Using RG316 Coax PE3C2599-48
URL: https://www.pasternack.com/smc-plug-bnc-male-rg316u-cable-assembly-pe3c2599-48-p.aspx
PE3C2599-48 REV 1.0
RF Cable Assemblies Technical Data Sheet
SMC Plug to BNC Male Cable 48 Inch Length Using RG316 Coax
PE3C2599-48


Número de pieza similar - PE3C2599-48

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE3C2599-12 PASTERNACK-PE3C2599-12 Datasheet
368Kb / 4P
   SMC Plug to BNC Male Cable 12 Inch Length Using RG316 Coax
PE3C2599-24 PASTERNACK-PE3C2599-24 Datasheet
368Kb / 4P
   SMC Plug to BNC Male Cable 24 Inch Length Using RG316 Coax
PE3C2599-36 PASTERNACK-PE3C2599-36 Datasheet
368Kb / 4P
   SMC Plug to BNC Male Cable 36 Inch Length Using RG316 Coax
PE3C2599-60 PASTERNACK-PE3C2599-60 Datasheet
370Kb / 4P
   SMC Plug to BNC Male Cable 60 Inch Length Using RG316 Coax
PE3C2599-72 PASTERNACK-PE3C2599-72 Datasheet
368Kb / 4P
   SMC Plug to BNC Male Cable 72 Inch Length Using RG316 Coax
More results

Descripción similar - PE3C2599-48

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE3C2599-60 PASTERNACK-PE3C2599-60 Datasheet
370Kb / 4P
   SMC Plug to BNC Male Cable 60 Inch Length Using RG316 Coax
PE3C2599-12 PASTERNACK-PE3C2599-12 Datasheet
368Kb / 4P
   SMC Plug to BNC Male Cable 12 Inch Length Using RG316 Coax
PE3C2599-72 PASTERNACK-PE3C2599-72 Datasheet
368Kb / 4P
   SMC Plug to BNC Male Cable 72 Inch Length Using RG316 Coax
PE3C2599-24 PASTERNACK-PE3C2599-24 Datasheet
368Kb / 4P
   SMC Plug to BNC Male Cable 24 Inch Length Using RG316 Coax
PE3C2599-36 PASTERNACK-PE3C2599-36 Datasheet
368Kb / 4P
   SMC Plug to BNC Male Cable 36 Inch Length Using RG316 Coax
PE3C2599LF-48 PASTERNACK-PE3C2599LF-48 Datasheet
369Kb / 4P
   SMC Plug to BNC Male Cable 48 Inch Length Using RG316 Coax, LF Solder, RoHS
PE3C2416-48 PASTERNACK-PE3C2416-48 Datasheet
374Kb / 4P
   BNC Male to BNC Male Cable 48 Inch Length Using RG316 Coax
PE3C3425-48 PASTERNACK-PE3C3425-48 Datasheet
361Kb / 4P
   SMC Plug to BNC Male Cable 48 Inch Length Using RG174 Coax
PE3C4413-48 PASTERNACK-PE3C4413-48 Datasheet
457Kb / 4P
   BNC Male to SSMC Plug Cable 48 Inch Length Using RG316 Coax
PE3C2578-48 PASTERNACK-PE3C2578-48 Datasheet
360Kb / 4P
   SMC Plug to BNC Male Cable 48 Inch Length Using RG188 Coax
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com