Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ACSA56-41QBWA-D-F01 Datasheet(PDF) 2 Page - Kingbright Corporation

No. de pieza ACSA56-41QBWA-D-F01
Descripción Electrónicos  Surface Mount Display
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KINGBRIGHT [Kingbright Corporation]
Página de inicio  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

ACSA56-41QBWA-D-F01 Datasheet(HTML) 2 Page - Kingbright Corporation

  ACSA56-41QBWA-D-F01 Datasheet HTML 1Page - Kingbright Corporation ACSA56-41QBWA-D-F01 Datasheet HTML 2Page - Kingbright Corporation ACSA56-41QBWA-D-F01 Datasheet HTML 3Page - Kingbright Corporation ACSA56-41QBWA-D-F01 Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2017 Kingbright. All Rights Reserved. Spec No: DSAJ8920 / 1351000648 Rev No: V.7B Date: 06/30/2017
Page 2 / 4
ABSOLUTE MAXIMUM RATINGS at TA=25°C
ELECTRICAL / OPTICAL CHARACTERISTICS at TA=25°C
ACSA56-41QBWA/D-F01
Parameter
Symbol
Emitting Color
Value
Unit
Typ.
Max.
Wavelength at Peak Emission IF = 10mA
λpeak
Blue
460
-
nm
Dominant Wavelength IF = 10mA
λdom
[1]
Blue
465
-
nm
Spectral Bandwidth at 50% Φ REL MAX
IF = 10mA
Δλ
Blue
25
-
nm
Capacitance
C
Blue
100
-
pF
Forward Voltage IF = 10mA
VF
[2]
Blue
3.0
3.5
V
Reverse Current (VR = 5V)
IR
Blue
-
50
uA
Parameter
Symbol
Unit
Power Dissipation
PD
120
mW
Reverse Voltage
VR
5
V
Junction Temperature
Tj
115
°C
Operating Temperature
Top
-40 to +85
°C
Storage Temperature
Tstg
-40 to +85
°C
DC Forward Current
IF
30
mA
Peak Forward Current
IFM
[1]
150
mA
Electrostatic Discharge Threshold (HBM)
-
250
V
Value
Notes:
1. The dominant wavelength (
λd) above is the setup value of the sorting machine. (Tolerance λd : ±1nm. )
2. Forward voltage: ±0.1V.
3. Wavelength value is traceable to CIE127-2007 standards.
4. Excess driving current and / or operating temperature higher than recommended conditions may result in severe light degradation or premature failure.
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. Relative humidity levels maintained between 40% and 60% in production area are recommended to avoid the build-up of static electricity – Ref JEDEC/JESD625-A and JEDEC/J-STD-033.


Número de pieza similar - ACSA56-41QBWA-D-F01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kingbright Corporation
ACSA56-41CGKWA-F01 KINGBRIGHT-ACSA56-41CGKWA-F01 Datasheet
290Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA56-41PBWA KINGBRIGHT-ACSA56-41PBWA Datasheet
206Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA56-41PBWA/A-F01 KINGBRIGHT-ACSA56-41PBWA/A-F01 Datasheet
206Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA56-41SEKWA-F01 KINGBRIGHT-ACSA56-41SEKWA-F01 Datasheet
289Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA56-41SEKWA-F01 KINGBRIGHT-ACSA56-41SEKWA-F01_15 Datasheet
226Kb / 5P
   SURFACE MOUNT DISPLAY
More results

Descripción similar - ACSA56-41QBWA-D-F01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kingbright Corporation
APPDA04-41SGWA KINGBRIGHT-APPDA04-41SGWA Datasheet
127Kb / 5P
   SURFACE MOUNT DISPLAY
logo
SunLED Corporation
XZDVG05C2 SUNLED-XZDVG05C2 Datasheet
197Kb / 3P
   SURFACE MOUNT DISPLAY
logo
Kingbright Corporation
ACPSC04-41SGWA KINGBRIGHT-ACPSC04-41SGWA Datasheet
306Kb / 5P
   SURFACE MOUNT DISPLAY
ACSC02-41PBWA KINGBRIGHT-ACSC02-41PBWA Datasheet
193Kb / 5P
   SURFACE MOUNT DISPLAY
APSC56-21 KINGBRIGHT-APSC56-21 Datasheet
111Kb / 5P
   SURFACE MOUNT DISPLAY
ACPSA04-41SRWA KINGBRIGHT-ACPSA04-41SRWA Datasheet
203Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA03-41PBWA KINGBRIGHT-ACSA03-41PBWA Datasheet
222Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA08-51PBWA-A KINGBRIGHT-ACSA08-51PBWA-A Datasheet
289Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA04-41SURKWA-F01 KINGBRIGHT-ACSA04-41SURKWA-F01 Datasheet
194Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA03-41CGKWA-F01 KINGBRIGHT-ACSA03-41CGKWA-F01 Datasheet
192Kb / 5P
   SURFACE MOUNT DISPLAY
ACSA02-41SURKWA-F01 KINGBRIGHT-ACSA02-41SURKWA-F01 Datasheet
284Kb / 5P
   SURFACE MOUNT DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com