Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

APGF0808VGTPBTSEETC Datasheet(PDF) 2 Page - Kingbright Corporation

No. de pieza APGF0808VGTPBTSEETC
Descripción Electrónicos  0.8 x 0.8 x 0.2 mm Full-Color Surface Mount LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KINGBRIGHT [Kingbright Corporation]
Página de inicio  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APGF0808VGTPBTSEETC Datasheet(HTML) 2 Page - Kingbright Corporation

  APGF0808VGTPBTSEETC Datasheet HTML 1Page - Kingbright Corporation APGF0808VGTPBTSEETC Datasheet HTML 2Page - Kingbright Corporation APGF0808VGTPBTSEETC Datasheet HTML 3Page - Kingbright Corporation APGF0808VGTPBTSEETC Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2017 Kingbright. All Rights Reserved. Spec No: DSAP1307 / 1203015019 Rev No: V.2B Date: 07/10/2017
Page 2 / 4
ABSOLUTE MAXIMUM RATINGS at TA=25°C
ELECTRICAL / OPTICAL CHARACTERISTICS at TA=25°C
APGF0808VGTPBTSEETC
Parameter
Symbol
Emitting Color
Value
Unit
Typ.
Max.
Wavelength at Peak Emission IF = 5mA
λpeak
Green
Blue
Hyper Red
518
461
632
-
nm
Dominant Wavelength IF = 5mA
λdom
[1]
Green
Blue
Hyper Red
527
467
624
-
nm
Spectral Bandwidth at 50% Φ REL MAX
IF = 5mA
Δλ
Green
Blue
Hyper Red
35
22
20
-
nm
Capacitance
C
Green
Blue
Hyper Red
100
110
25
-
pF
Forward Voltage IF = 5mA
VF
[2]
Green
Blue
Hyper Red
3
2.9
1.95
3.2
3.1
2.3
V
Reverse Current (VR = 5V)
IR
Green
Blue
Hyper Red
-
50
50
10
uA
Temperature Coefficient of λpeak
IF = 5mA, -10°C ≤ T ≤ 85°C
TCλpeak
Green
Blue
Hyper Red
0.05
0.04
0.13
-
nm/°C
Temperature Coefficient of λdom
IF = 5mA, -10°C ≤ T ≤ 85°C
TCλdom
Green
Blue
Hyper Red
0.03
0.03
0.06
-
nm/°C
Temperature Coefficient of VF
IF = 5mA, -10°C ≤ T ≤ 85°C
TCV
Green
Blue
Hyper Red
-3.0
-3.0
-1.9
-
mV/°C
Parameter
Symbol
Value
Unit
Green
Blue
Hyper Red
Power Dissipation
PD
[1]
mW
Reverse Voltage
VR
5
5
5
V
Junction Temperature
Tj
125
125
115
°C
Operating Temperature
Top
-40 to +85
°C
Storage Temperature
Tstg
-40 to +100
°C
DC Forward Current
IF
[2]
10
10
10
mA
Peak Forward Current
IFM
[3]
50
50
50
mA
Electrostatic Discharge Threshold (HBM)
-
1000
1000
3000
V
Thermal Resistance (Junction / Ambient)
Rth JA
[4]
660
365
580
°C/W
Thermal Resistance (Junction / Solder point)
Rth JS
[4]
535
260
500
°C/W
35
Notes:
1. The dominant wavelength (λd) above is the setup value of the sorting machine. (Tolerance λd: ±1nm. )
2. Forward voltage: ±0.1V.
3. Wavelength value is traceable to CIE127-2007 standards.
4. Excess driving current and / or operating temperature higher than recommended conditions may result in severe light degradation or premature failure.
Notes:
1. Within 35mW when multiple chips are lightened
2. The maximum ratings are valid for the case of lighting a single chip
When two chips are lit at the same time, each chip should be driven at a current lower than 50% of the absolute maximum ratings
When three chips are lit at the same time, each chip should be driven at a current lower than 30% of the absolute maximum ratings
3. Duty Cycle ≤ 1 / 20, Pulse Width = 1ms.
4. Rth JA, Rth JS Results from mounting on PC board FR4 (pad size≥16 mm
2 per pad).
5. Relative humidity levels maintained between 40% and 60% in production area are recommended to avoid the build-up of static electricity – Ref JEDEC/JESD625-A and JEDEC/J-STD-033.


Número de pieza similar - APGF0808VGTPBTSEETC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HK TO-GRACE TECHNOLOGY ...
APGF0808VGTPBTSEETC TO-GRACE-APGF0808VGTPBTSEETC Datasheet
1Mb / 4P
   0.8 x 0.8 x 0.2 mm Full-Color Surface Mount LED
More results

Descripción similar - APGF0808VGTPBTSEETC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HK TO-GRACE TECHNOLOGY ...
APGF0808VGTPBTSEETC TO-GRACE-APGF0808VGTPBTSEETC Datasheet
1Mb / 4P
   0.8 x 0.8 x 0.2 mm Full-Color Surface Mount LED
APHF1608LSEEQBDZGKC TO-GRACE-APHF1608LSEEQBDZGKC Datasheet
1Mb / 4P
   1.6 x 0.8 mm Full-Color Surface Mount LED
APHF1608SEEQBDZGKC TO-GRACE-APHF1608SEEQBDZGKC Datasheet
1Mb / 4P
   1.6 x 0.8 mm Full-Color Surface Mount LED
logo
Kingbright Corporation
APHF1608LSEEQBDZGKC KINGBRIGHT-APHF1608LSEEQBDZGKC Datasheet
347Kb / 4P
   1.6 x 0.8 mm Full-Color Surface Mount LED
APHF1608SEEQBDZGKC KINGBRIGHT-APHF1608SEEQBDZGKC Datasheet
346Kb / 4P
   1.6 x 0.8 mm Full-Color Surface Mount LED
APHB1608CGKSEKC KINGBRIGHT-APHB1608CGKSEKC Datasheet
300Kb / 4P
   1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
logo
HK TO-GRACE TECHNOLOGY ...
APHB1608CGKSURKC TO-GRACE-APHB1608CGKSURKC Datasheet
974Kb / 4P
   1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
APHB1608LZGKSYKC TO-GRACE-APHB1608LZGKSYKC Datasheet
922Kb / 4P
   1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
APHB1608LQBDSURKC TO-GRACE-APHB1608LQBDSURKC Datasheet
938Kb / 4P
   1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
KPHB-1608ZGSURKC-GX TO-GRACE-KPHB-1608ZGSURKC-GX Datasheet
920Kb / 4P
   1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com