Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

APHB1608ZGKSURKC Datasheet(PDF) 3 Page - Kingbright Corporation

No. de pieza APHB1608ZGKSURKC
Descripción Electrónicos  1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KINGBRIGHT [Kingbright Corporation]
Página de inicio  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APHB1608ZGKSURKC Datasheet(HTML) 3 Page - Kingbright Corporation

  APHB1608ZGKSURKC Datasheet HTML 1Page - Kingbright Corporation APHB1608ZGKSURKC Datasheet HTML 2Page - Kingbright Corporation APHB1608ZGKSURKC Datasheet HTML 3Page - Kingbright Corporation APHB1608ZGKSURKC Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2017 Kingbright. All Rights Reserved. Spec No: DSAM9277 / 1203013494 Rev No: V.3A Date: 07/04/2017
Page 3 / 4
GREEN
TECHNICAL DATA
0%
20%
40%
60%
80%
100%
350
400
450
500
550
600
650
700
750
800
Ta = 25 °C
Red
Wavelength (nm)
Green
RELATIVE INTENSITY vs. WAVELENGTH
0.5
0.5
0.0
-90°
-75°
-60°
-45°
-30°
-15°
75°
60°
45°
30°
15°
90°
1.0
1.0
Ta = 25 °C
SPATIAL DISTRIBUTION
HYPER RED
APHB1608ZGKSURKC
0
10
20
30
40
50
2.0
2.5
3.0
3.5
4.0
4.5
Ta = 25 °C
Forward voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
0
1020
3040
50
Ta = 25 °C
Forward current (mA)
0
10
20
30
40
50
-40 -20
0
20 406080 100
Ambient temperature (°C)
0.0
0.5
1.0
1.5
2.0
2.5
-40 -20
0
204060 80 100
Ambient temperature (°C)
Forward Current vs.
Forward Voltage
Luminous Intensity vs.
Forward Current
Forward Current Derating Curve
Luminous Intensity vs.
Ambient Temperature
0
10
20
30
40
50
1.5
1.7
1.9
2.1
2.3
2.5
Ta = 25 °C
Forward voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
0
1020
3040
50
Ta = 25 °C
Forward current (mA)
0
10
20
30
40
50
-40 -20
0
20 406080 100
Ambient temperature (°C)
0.0
0.5
1.0
1.5
2.0
2.5
-40 -20
0
204060 80 100
Ambient temperature (°C)
Forward Current vs.
Forward Voltage
Luminous Intensity vs.
Forward Current
Forward Current Derating Curve
Luminous Intensity vs.
Ambient Temperature


Número de pieza similar - APHB1608ZGKSURKC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HK TO-GRACE TECHNOLOGY ...
APHB1608ZGKSURKC TO-GRACE-APHB1608ZGKSURKC Datasheet
968Kb / 4P
   1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
More results

Descripción similar - APHB1608ZGKSURKC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HK TO-GRACE TECHNOLOGY ...
APHB1608LSYKSURKC TO-GRACE-APHB1608LSYKSURKC Datasheet
918Kb / 4P
   1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
APHB1608LQBDCGKC TO-GRACE-APHB1608LQBDCGKC Datasheet
913Kb / 4P
   1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
APHB1608LCGKSYKC TO-GRACE-APHB1608LCGKSYKC Datasheet
946Kb / 4P
   1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
APHB1608QBDSYKC TO-GRACE-APHB1608QBDSYKC Datasheet
918Kb / 4P
   1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
APHB1608ZGKSURKC TO-GRACE-APHB1608ZGKSURKC Datasheet
968Kb / 4P
   1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
logo
Kingbright Corporation
APHB1608QBDSURKC KINGBRIGHT-APHB1608QBDSURKC Datasheet
317Kb / 4P
   1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
APHB1608QBDSYKC KINGBRIGHT-APHB1608QBDSYKC Datasheet
300Kb / 4P
   1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
logo
HK TO-GRACE TECHNOLOGY ...
KPHB-1608SGEC-GX TO-GRACE-KPHB-1608SGEC-GX Datasheet
965Kb / 4P
   1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
logo
Kingbright Corporation
APHB1608LG3R2C-AMT KINGBRIGHT-APHB1608LG3R2C-AMT Datasheet
550Kb / 6P
   1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
Rev No: V.2A Date: 03/22/2023
APHB1608CGKSEKC KINGBRIGHT-APHB1608CGKSEKC Datasheet
300Kb / 4P
   1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
logo
HK TO-GRACE TECHNOLOGY ...
APHB1608CGKSURKC TO-GRACE-APHB1608CGKSURKC Datasheet
974Kb / 4P
   1.6 x 0.8 x 0.5 mm Bi-Color Surface Mount LED
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com