Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPA2005D1GQYR Datasheet(PDF) 4 Page - Texas Instruments |
|
TPA2005D1GQYR Datasheet(HTML) 4 Page - Texas Instruments |
4 / 22 page TPA2005D1 SLOS369B – JULY 2002 – REVISED DECEMBER 2002 www.ti.com 4 (A1) (B1) (A4) (C4) (D4) (SIDE VIEW) MicroStar Junior t (GQY) Package (TOP VIEW) NC VDD SHUTDOWN IN+ IN– VO– VDD VO+ NOTES:A. The shaded terminals are used for electrical and thermal connections to the ground plane. All the shaded terminals need to be electrical connected to ground. No connect (NC) terminals still need a pad and trace. B. The thermal pad of the DRB package should be electrically and thermally connected to a ground plane. (C1) (D1) (B4) GND 8 SHUTDOWN NC IN+ IN– VO– GND VDD VO+ DRB PACKAGE (TOP VIEW) 7 6 5 1 2 3 4 NC – No internal connection TERMINAL FUNCTIONS TERMINAL I/O DESCRIPTION NAME GQY DRB I/O DESCRIPTION IN– D1 4 I Negative differential input IN+ C1 3 I Positive differential input VDD B4, C4 6 I Power supply VO+ D4 5 O Positive BTL output GND A2, A3, B3, C2, C3 D2, D3 7 I High-current ground VO– A4 8 O Negative BTL output SHUTDOWN A1 1 I Shutdown terminal (active low logic) NC B1 2 No connect FUNCTIONAL BLOCK DIAGRAM _ + _ + _ + _ + 150 k Ω 150 k Ω _ + _ + Deglitch Logic Deglitch Logic Gate Drive Gate Drive VDD OC Detect Startup Protection Logic Ramp Generator Biases and References TTL Input Buffer SD Gain = 2 V/V B4, C4 VDD A4 VO– D4 VO+ † GND D1 IN– C1 IN+ A1 SHUTDOWN † A2, A3, B3, C2, C3, D2, D3 |
Número de pieza similar - TPA2005D1GQYR |
|
Descripción similar - TPA2005D1GQYR |